Electronic Components Datasheet Search
  English  ▼

X  

X1228 Datasheet(PDF) 17 Page - Xicor Inc.

Part # X1228
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1228 Datasheet(HTML) 17 Page - Xicor Inc.

Back Button X1228 Datasheet HTML 13Page - Xicor Inc. X1228 Datasheet HTML 14Page - Xicor Inc. X1228 Datasheet HTML 15Page - Xicor Inc. X1228 Datasheet HTML 16Page - Xicor Inc. X1228 Datasheet HTML 17Page - Xicor Inc. X1228 Datasheet HTML 18Page - Xicor Inc. X1228 Datasheet HTML 19Page - Xicor Inc. X1228 Datasheet HTML 20Page - Xicor Inc. X1228 Datasheet HTML 21Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
X1228
REV 1.3 3/24/04
Characteristics subject to change without notice.
17 of 31
www.xicor.com
Figure 5. Set VTRIP Level Sequence (VCC = desired VTRIP value)
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP to a “native”
voltage level. For example, if the current VTRIP is 4.4V
and the new VTRIP must be 4.0V, then the VTRIP must
be reset. When VTRIP is reset, the new VTRIP is some-
thing less than 1.7V. This procedure must be used to
set the voltage to a lower value.
To reset the new VTRIP voltage, apply more than 5.5V
to the VCC pin and tie the RESET pin to the
programming voltage VP. Then write 00h to address
03h. The stop bit of a valid write operation initiates the
VTRIP programming sequence. Bring RESET to VCC to
complete the operation. Note: this operation takes up
to 10 milliseconds to complete and also writes 00h to
address 03h of the EEPROM array.
For best accuracy in setting VTRIP, it is advised that the
following sequence be used.
1.Program VTRIP as above.
2.Measure resulting VTRIP by measuring the VCC
value where a RESET occurs. Calculate Delta =
(Desired – Measured) VTRIP value.
3.Perform a VTRIP program using the following formula
to set the voltage of the RESET pin:
VRESET = (Desired Value – Delta) + 0.025V
Figure 6. Reset VTRIP Level Sequence
SCL
SDA
01h
RESET
VP = 15V
00h
012 345 67
01 2 345 67
01 2 3 4 5 6 7
01 2 3 45 67
AEh
00h
VCC
VCC
Note: BP0, BP1, BP2 must be disabled.
012 345 67
SCL
SDA
AEh
01 2 345 67
03h
RESET
VP = 15V
00h
01 2 345 67
01 2 345 67
00h
VCC
VCC
Note: BP0, BP1, BP2 must be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com