Electronic Components Datasheet Search
  English  ▼

X  

X1228 Datasheet(PDF) 21 Page - Xicor Inc.

Part # X1228
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1228 Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X1228 Datasheet HTML 17Page - Xicor Inc. X1228 Datasheet HTML 18Page - Xicor Inc. X1228 Datasheet HTML 19Page - Xicor Inc. X1228 Datasheet HTML 20Page - Xicor Inc. X1228 Datasheet HTML 21Page - Xicor Inc. X1228 Datasheet HTML 22Page - Xicor Inc. X1228 Datasheet HTML 23Page - Xicor Inc. X1228 Datasheet HTML 24Page - Xicor Inc. X1228 Datasheet HTML 25Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
X1228
REV 1.3 3/24/04
Characteristics subject to change without notice.
21 of 31
www.xicor.com
A write to a protected block of memory is ignored, but
will still receive an acknowledge. At the end of the write
command, the X1228 will not initiate an internal write
cycle, and will continue to ACK commands.
Page Write
The X1228 has a page write operation. It is initiated in
the same manner as the byte write operation; but
instead of terminating the write cycle after the first data
byte is transferred, the master can transmit up to 63
more bytes to the memory array and up to 7 more
bytes to the clock/control registers. (Note: Prior to writ-
ing to the CCR, the master must write a 02h, then 06h
to the status register in two preceding operations to
enable the write operation. See “Writing to the Clock/
Control Registers.”
After the receipt of each byte, the X1228 responds with
an acknowledge, and the address is internally incre-
mented by one. When the counter reaches the end of
the page, it “rolls over” and goes back to the first
address on the same page. This means that the mas-
ter can write 64 bytes to a memory array page or 8
bytes to a CCR section starting at any location on that
page. For example, if the master begins writing at loca-
tion 40 of the memory and loads 30 bytes, then the first
23 bytes are written to addresses 40 through 63, and
the last 7 bytes are written to columns 0 through 6.
Afterwards, the address counter would point to location
7 on the page that was just written. If the master sup-
plies more than the maximum bytes in a page, then the
previously loaded data is over written by the new data,
one byte at a time. Refer to Figure 12.
The master terminates the Data Byte loading by issu-
ing a stop condition, which causes the X1228 to begin
the nonvolatile write cycle. As with the byte write oper-
ation, all inputs are disabled until completion of the
internal write cycle. Refer to Figure 13 for the address,
acknowledge, and data transfer sequence.
Stops and Write Modes
Stop conditions that terminate write operations must
be sent by the master after sending at least 1 full data
byte and it’s associated ACK signal. If a stop is issued
in the middle of a data byte, or before 1 full data byte +
ACK is sent, then the X1228 resets itself without per-
forming the write. The contents of the array are not
affected.
Figure 13. Page Write Sequence
Word
Address 0
S
t
a
r
t
S
t
o
p
Slave
Address
Word
Address 1
Data
(n)
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
0
Data
(1)
A
C
K
1
≤ n ≤ 64 for EEPROM array
1
≤ n ≤ 8 for CCR
1
1
1
1
00 0 0 00 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com