Electronic Components Datasheet Search
  English  ▼

X  

X1228 Datasheet(PDF) 26 Page - Xicor Inc.

Part # X1228
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1228 Datasheet(HTML) 26 Page - Xicor Inc.

Back Button X1228 Datasheet HTML 22Page - Xicor Inc. X1228 Datasheet HTML 23Page - Xicor Inc. X1228 Datasheet HTML 24Page - Xicor Inc. X1228 Datasheet HTML 25Page - Xicor Inc. X1228 Datasheet HTML 26Page - Xicor Inc. X1228 Datasheet HTML 27Page - Xicor Inc. X1228 Datasheet HTML 28Page - Xicor Inc. X1228 Datasheet HTML 29Page - Xicor Inc. X1228 Datasheet HTML 30Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
X1228
REV 1.3 3/24/04
Characteristics subject to change without notice.
26 of 31
www.xicor.com
The best way to analyze the RTC circuit is to power it
up and read the real time clock as time advances, or if
the chip has the PHZ output, look at the output of that
pin on an oscilloscope (after enabling it with the control
register, and using a pullup resistor for an open-drain
output). Alternatively, the X1226/1286/1288 devices
have an IRQ- output which can be checked by setting
an alarm for each minute. Using the pulse interrupt
mode setting, the once-per-minute interrupt functions
as an indication of proper oscillation.
Backup Battery Operation
Many types of batteries can be used with the Xicor
RTC products. 3.0V or 3.6V Lithium batteries are
appropriate, and sizes are available that can power a
Xicor RTC device for up to 10 years. Another option is
to use a supercapacitor for applications where Vcc may
disappear intermittently for short periods of time.
Depending on the value of supercapacitor used,
backup time can last from a few days to two weeks
(with >1F). A simple silicon or Schottky barrier diode
can be used in series with Vcc to charge the superca-
pacitor, which is connected to the Vback pin. Do not
use the diode to charge a battery (especially lithium
batteries!).
Figure 16. Supercapactor charging circuit
Since the battery switchover occurs at Vcc=Vback-
0.1V (see Figure 16), the battery voltage must always
be lower than the Vcc voltage during normal operation
or the battery will be drained. A second consideration
is the trip point setting for the system RESET- function,
known as Vtrip. Vtrip is set at the factory at levels for
systems with either Vcc = 5V or 3.3V operation, with
the following standard options:
VTRIP = 4.63V ± 3%
VTRIP = 4.38V ± 3%
VTRIP = 2.85V ± 3%
VTRIP = 2.65V ± 3%
The summary of conditions for backup battery opera-
tion is given in Table 8:
2.7-5.5V
Supercapacitor
VSS
VCC
Vback
Table 8. Battery Backup Operation
*since Vback>2.65V is higher than Vtrip, the battery is powering the entire device
1. Example Application, Vcc=5V, Vback=3.0V
Condition
Vcc
Vback
Vtrip
Iback
Reset
Notes
a. Normal Operation
5.00
3.00
4.38
<<1µA
H
b. Vcc on with no battery
5.00
0
4.38
0
H
c. Backup Mode
0–1.8
1.8-3.0
4.38
<2µA
L
Timekeeping
only
2. Example Application, Vcc=3.3V,Vback=3.0V
Condition
Vcc
Vback
Vtrip
Iback
Reset
a. Normal Operation
3.30
3.00
2.65
<<1µA
H
b. Vcc on with no battery
3.30
0
2.65
0
H
c. Backup Mode
0–1.8
1.8–3.0*
2.65
<2µA*
L
Timekeeping
only
d. UNWANTED - Vcc ON, Vback
powering
2.65 - 3.30
> Vcc
2.65
up to 3mA
H
Internal
Vcc=Vback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com