Electronic Components Datasheet Search
  English  ▼

X  

X1228 Datasheet(PDF) 20 Page - Xicor Inc.

Part # X1228
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1228 Datasheet(HTML) 20 Page - Xicor Inc.

Back Button X1228 Datasheet HTML 16Page - Xicor Inc. X1228 Datasheet HTML 17Page - Xicor Inc. X1228 Datasheet HTML 18Page - Xicor Inc. X1228 Datasheet HTML 19Page - Xicor Inc. X1228 Datasheet HTML 20Page - Xicor Inc. X1228 Datasheet HTML 21Page - Xicor Inc. X1228 Datasheet HTML 22Page - Xicor Inc. X1228 Datasheet HTML 23Page - Xicor Inc. X1228 Datasheet HTML 24Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
X1228
REV 1.3 3/24/04
Characteristics subject to change without notice.
20 of 31
www.xicor.com
Figure 10. Slave Address, Word Address, and Data Bytes (64 Byte pages)
Write Operations
Byte Write
For a write operation, the device requires the Slave
Address Byte and the Word Address Bytes. This gives
the master access to any one of the words in the array
or CCR. (Note: Prior to writing to the CCR, the master
must write a 02h, then 06h to the status register in two
preceding operations to enable the write operation.
See “Writing to the Clock/Control Registers.” Upon
receipt of each address byte, the X1228 responds with
an acknowledge. After receiving both address bytes
the X1228 awaits the eight bits of data. After receiving
the 8 data bits, the X1228 again responds with an
acknowledge. The master then terminates the transfer
by generating a stop condition. The X1228 then begins
an internal write cycle of the data to the nonvolatile
memory. During the internal write cycle, the device
inputs are disabled, so the device will not respond to
any requests from the master. The SDA output is at high
impedance. See Figure 11.
Figure 11. Byte Write Sequence
Figure 12. Writing 30 bytes to a 64-byte memory page starting at address 40.
Slave Address Byte
Byte 0
D7
D6
D5
D2
D4
D3
D1
D0
A0
A7
A2
A4
A3
A1
Data Byte
Byte 3
A6
A5
00
000
A8
0
1
1
0
1
1
0
1
0
1
1
R/W
1
Device Identifier
Array
CCR
0
Word Address 1
Byte 1
Word Address 0
Byte 2
S
t
a
r
t
S
t
o
p
Slave
Address
Word
Address 1
Data
A
C
K
A
C
K
A
C
K
SDA Bus
Signals From
The Slave
Signals from
the Master
0
A
C
K
Word
Address 0
1
1
1
1
000 00 0 0
Address
Address
40
23 Bytes
63
7 Bytes
Address
= 6
Address Pointer
Ends Here
Addr = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com