Electronic Components Datasheet Search
  English  ▼

X  

X3101 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X3101
Description  3 or 4 Cell Li-Ion Battery Protection and Monitor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X3101 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X3101 Datasheet HTML 9Page - Xicor Inc. X3101 Datasheet HTML 10Page - Xicor Inc. X3101 Datasheet HTML 11Page - Xicor Inc. X3101 Datasheet HTML 12Page - Xicor Inc. X3101 Datasheet HTML 13Page - Xicor Inc. X3101 Datasheet HTML 14Page - Xicor Inc. X3101 Datasheet HTML 15Page - Xicor Inc. X3101 Datasheet HTML 16Page - Xicor Inc. X3101 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
X3100/X3101 – Preliminary Information
Characteristics subject to change without notice.
13 of 40
REV 1.1.8 12/10/02
www.xicor.com
over-charge and over-discharge protection circuitry is on
for approximately 2ms in each 125ms period. Over-
current monitoring is continuous. In monitor mode (see
page 20) over-charge and over-discharge monitoring is
also continuous.
Over-charge Protection
The X3100 and X3101 monitor the voltage on each
battery cell (VCELL). If for any cell, VCELL > VOV for a
time exceeding TOV, then the Charge FET will be
switched OFF (OVP/LMON=VCC). The device has now
entered Over-charge protection mode (Figure 5). The
status of the discharge FET (via pin UVP) will remain
unaffected.
While in over-charge protection mode, it is possible to
change the state of the OVPC bit in the control register
such
that
OVP/LMON=Vss
(Charge
FET=ON).
Although the OVPC bit in the control register can be
changed, the change will not be seen at pin OVP until
the
X3100
or
X3101
returns
from
over-charge
protection mode.
The over-charge detection delay TOV, is varied using a
capacitor (COV) connected between pin OVT and GND.
A typical delay time is shown in Table 10. The delay TOV
that results from a particular capacitance COV, can be
approximated by the following linear equation:
TOV (s) ≈ 10 x COV (µF).
Table 19. Typical over-charge detection time
The device further continues to monitor the battery cell
voltages, and is released from over-charge protection
mode when VCELL< VOVR, for all cells. When the X3100
or X3101 is released from over-charge protection
mode, the charge FET is automatically switched ON
(OVP/LMON=VSS). When the device returns from over-
charge protection mode, the status of the discharge
FET (pin UVP/OCP) remains unaffected.
The value of VOV can be selected from the values
shown in Table 4 by setting bits VOV1, VOV0. These bits
are set by using the WCFIG instruction to write to the
configuration register.
Figure 5. Over-charge Protection Mode—Event Diagram
Symbol
COV
Delay
TOV
0.1µF
1.0s (Typ)
VCELL
OVP/LMON
Normal Operation Mode
Over-charge
VOV
VOVR
TOV
Protection
Mode
Normal Operation Mode
VCC
VSS
Event
0
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com