Electronic Components Datasheet Search
  English  ▼

X  

X3101 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X3101
Description  3 or 4 Cell Li-Ion Battery Protection and Monitor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X3101 Datasheet(HTML) 2 Page - Xicor Inc.

  X3101 Datasheet HTML 1Page - Xicor Inc. X3101 Datasheet HTML 2Page - Xicor Inc. X3101 Datasheet HTML 3Page - Xicor Inc. X3101 Datasheet HTML 4Page - Xicor Inc. X3101 Datasheet HTML 5Page - Xicor Inc. X3101 Datasheet HTML 6Page - Xicor Inc. X3101 Datasheet HTML 7Page - Xicor Inc. X3101 Datasheet HTML 8Page - Xicor Inc. X3101 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
X3100/X3101 – Preliminary Information
Characteristics subject to change without notice.
2 of 40
REV 1.1.8 12/10/02
www.xicor.com
PRINCIPLES OF OPERATION
The X3100 and X3101 provide two distinct levels of
functionality and battery cell protection:
First, in Normal mode, the device periodically checks
each cell for an over-charge and over-discharge state,
while continuously watching for a pack over-current
condition. A protection mode violation results from an
over-charge, over-discharge, or over-current state. The
thresholds for these states are selected by the user
through software. When one of these conditions occur, a
Discharge FET or a Charge FET or both FETs are
turned off to protect the battery pack. In an over-
discharge condition, the X3100 and X3101 devices go
into a low power sleep mode to conserve battery power.
During sleep, the voltage regulator turns off, removing
power from the microcontroller to further reduce pack
current.
Second, in Monitor mode, a microcontroller with A/D
converter measures battery cell voltage and pack current
via pin AO and the X3100 or X3101 on-board MUX. The
user can thus implement protection, charge/discharge,
cell balancing or gas gauge software algorithms to suit
the specific application and characteristics of the cells
used. While monitoring these voltages, all protection
circuits are on continuously.
In a typical application, the microcontroller is also
programmed to provide an SMBus interface along with
the Smart Battery System interface protocols. These
additions allow an X3100 or X3101 based module to
adhere to the latest industry battery pack standards.
PIN CONFIGURATION
PIN NAMES
PIN DESCRIPTIONS
Battery Cell Voltage (VCELL1-VCELL4):
These pins are used to monitor the voltage of each
battery cell internally. The voltage of an individual cell
can also be monitored externally at pin AO.
The X3100 monitors 4 battery cells. The X3101 monitors
3 battery cells. For the X3101 device connect the
VCELL4/VSS pin to ground.
VCC
RGP
RGC
RGO
VCELL1
CB1
VCELL2
CB2
1
2
3
4
28
27
26
25
28 Lead TSSOP
UVP/OCP
OVP/LMON
CS
SCK
VCELL3
CB3
VCELL4/VSS*
CB4
5
6
7
8
24
23
22
21
X3100/
SO
SI
AS2
AS1
VSS
VCS1
VCS2
OVT
9
10
11
12
20
19
18
17
AS0
AO
UVT
OCT
13
14
16
15
X3101
*For X3101, Connect to ground.
Pin
Symbol
Description
1
VCELL1 Battery cell 1 voltage input
2
CB1
Cell balancing FET control output 1
3
VCELL2 Battery cell 2 voltage
4
CB2
Cell balancing FET control output 2
5
VCELL3 Battery cell 3 voltage
6
CB3
Cell balancing FET control output 3
7
VCELL4/
VSS
Battery cell 4 voltage (X3100)
Ground (X3101)
8
CB4
Cell balancing FET control output 4
9V
SS
Ground
10
VCS1
Current sense voltage pin 1
11
VCS2
Current sense voltage pin 2
12
OVT
Over-charge detect/release time input
13
UVT
Over-discharge detect/release time input
14
OCT
Over-current detect/release time input
15
AO
Analog multiplexer output
16
AS0
Analog output select pin 0
17
AS1
Analog output select pin 1
18
AS2
Analog output select pin 2
19
SI
Serial data input
20
SO
Serial data output
21
SCK
Serial data clock input
22
CS
Chip select input pin
23
OVP/
LMON
Over-charge Voltage Protection output/
Load Monitor output
24
UVP/
OCP
Over-discharge protection output/
Over-current protection output
25
RGO
Voltage regulator output pin
26
RGC
Voltage regulator control pin
27
RGP
Voltage regulator protection pin
28
V
CC
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com