Electronic Components Datasheet Search
  English  ▼

X  

X3101 Datasheet(PDF) 36 Page - Xicor Inc.

Part # X3101
Description  3 or 4 Cell Li-Ion Battery Protection and Monitor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X3101 Datasheet(HTML) 36 Page - Xicor Inc.

Back Button X3101 Datasheet HTML 32Page - Xicor Inc. X3101 Datasheet HTML 33Page - Xicor Inc. X3101 Datasheet HTML 34Page - Xicor Inc. X3101 Datasheet HTML 35Page - Xicor Inc. X3101 Datasheet HTML 36Page - Xicor Inc. X3101 Datasheet HTML 37Page - Xicor Inc. X3101 Datasheet HTML 38Page - Xicor Inc. X3101 Datasheet HTML 39Page - Xicor Inc. X3101 Datasheet HTML 40Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
X3100/X3101 – Preliminary Information
Characteristics subject to change without notice.
36 of 40
REV 1.1.8 12/10/02
www.xicor.com
Serial Output Timing
Notes: (11)This parameter is not 100% tested.
Serial Output Timing
SYMBOL TABLE
Symbol
Parameter
Voltage
Min.
Max.
Units
fSCK
Clock Frequency
0
3.3
MHz
tDIS
Output Disable Time
150
ns
tV
Output Valid from Clock LOW
130
ns
tHO
Output Hold Time
0
ns
tRO
(11)
Output Rise Time
50
ns
tFO
(11)
Output Fall Time
50
ns
SCK
CS
SO
SI
MSB Out
MSB–1 Out
LSB Out
ADDR
LSB In
tCYC
tV
tHO
tWL
tWH
tDIS
tLAG
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com