Electronic Components Datasheet Search
  English  ▼

X  

X3101 Datasheet(PDF) 21 Page - Xicor Inc.

Part # X3101
Description  3 or 4 Cell Li-Ion Battery Protection and Monitor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X3101 Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X3101 Datasheet HTML 17Page - Xicor Inc. X3101 Datasheet HTML 18Page - Xicor Inc. X3101 Datasheet HTML 19Page - Xicor Inc. X3101 Datasheet HTML 20Page - Xicor Inc. X3101 Datasheet HTML 21Page - Xicor Inc. X3101 Datasheet HTML 22Page - Xicor Inc. X3101 Datasheet HTML 23Page - Xicor Inc. X3101 Datasheet HTML 24Page - Xicor Inc. X3101 Datasheet HTML 25Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
X3100/X3101 – Preliminary Information
Characteristics subject to change without notice.
21 of 40
REV 1.1.8 12/10/02
www.xicor.com
of four input resistors to Op Amp OP1. The feedback
resistors remain constant. This ratio of input to feedback
resistors determines the gain. Putting external resistors
in series with the inputs reduces the gain of the amplifier.
VCS1 and VCS2 are read at AO with respect to a DC
bias voltage of 2.5V. Therefore, the voltage range of
VCS12 and VCS21 changes depending upon the
direction of current flow (i.e. battery cells are in Charge
or Discharge—Table 21).
Table 26. AO Voltage Range for VCS12 and VCS21
By calculating the difference of VCS12 and VCS21 the
offset voltage of the internal op-amp circuitry is
cancelled. This allows for the accurate calculation of
current flow into and out of the battery cells.
Pack current is calculated using the following formula:
VOLTAGE REGULATOR
The X3100 and X3101 are able to supply peripheral
devices with a regulated 5VDC±0.5% output at pin
RGO. The voltage regulator should be configured
externally as shown in Figure 10.
The non-inverting input of OP1 is fed with a high
precision 5VDC supply. The voltage at the output of the
voltage regulator (VRGO) is compared to this 5V
reference via the inverting input of OP1. The output of
OP1 in turn drives the regulator pnp transistor (Q1). The
negative feedback at the regulator output maintains the
voltage
at
5VDC±0.5%
(including
ripple)
despite
changes in load, and differences in regulator transistors.
When power is applied to pin VCC of the X3100 or
X3101, VRGO is regulated to 5VDC±10% for a nominal
time of TOC+2ms. During this time period, VRGO is
“tuned” to attain a final value of 5VDC±0.5% (Figure 2).
The maximum current that can flow from the voltage
regulator (ILMT) is controlled by the current limiting
resistor (RLMT) connected between RGP and VCC. When
the voltage across VCC and RGP reaches a nominal
2.5V (i.e. the threshold voltage for the FET), Q2 switches
ON, shorting VCC to the base of Q1. Since the base
voltage of Q1 is now higher than the emitter voltage, Q1
switches OFF, and hence the supply current goes to zero.
Typical values for RLMT and ILMT are shown in Table 27.
In order to protect the voltage regulator circuitry from
damage in case of a short-circuit, RLMT ≥ 10Ω should
always be used.
Table 27. Typical Values for RLMT and ILMT
When choosing the value of RLMT, the drive limitations
of the PNP transistor used should also be taken into
consideration. The transistor should have a gain of at
least 100 to support an output current of 250mA.
Figure 10. Voltage Regulator Operation
4KBIT EEPROM MEMORY
The X3100 and X3101 contain a CMOS 4k-bit serial
EEPROM, internally organized as 512 x 8 bits. This
memory is accessible via the SPI port, and features the
IDLock function.
The 4kbit EEPROM array can be accessed by the SPI
port at any time, even during a protection mode, except
during sleep mode. After power is applied to VCC of the
X3100 or X3101, EEREAD and EEWRITE Instructions
AO
Cell State
AO Voltage Range
VCS12
Charge
2.5V
≤ AO ≤ 5.0V
VCS12
Discharge
0V
≤ AO ≤ 2.5V
VCS21
Charge
0V
≤ AO ≤ 2.5V
VCS21
Discharge
2.5V
≤ AO ≤ 5.0V
Pack Current
VCS
12
VCS
21
–
()
2
() gain setting
()(current sense resistor)
----------------------------------------------------------------------------------------------------------
=
RLMT
Voltage Regulator Current Limit (ILMT)
10
Ω
250mA ± 50% (Typical)
25
Ω
100mA ± 50% (Typical)
50
Ω
50mA ± 50% (Typical)
VCC
RGC
RGP
RGO
Voltage
Reference
_
+
To Internal Voltage
Regulating Circuitry
Regulated
5VDC Output
RLMT
Q1
Un-Regulated
Input
Voltage
ILMT
Precision
X3100/X3101
OP1
5VDC
Q2
Tuning
VRGO
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com