Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 107 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 107 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 103Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 104Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 105Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 106Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 107Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 108Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 109Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 110Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 111Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 164 page
background image
Htot
HD
HU
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
105
6.0.5
60.5
60.5
60.5
60.5
60.5
73
73
73
15
15
15
15
15
15
20
20
20
75.5
75.5
75.5
75.5
75.5
75.5
93
93
93
Part Number
A
B
C
D
E
F
06880100 00
16880100 00
26880100 00
06880200 00
16880200 00
26880200 00
06880300 00
16880300 00
26880200 00
81
81
81
121
121
121
161
161
161
68
68
68
100
100
100
140
140
140
73
73
73
118
118
118
175
175
175
-
-
-
92
92
92
132
132
132
59
59
59
92
92
92
99
99
99
-
-
-
-
-
-
99
99
99
80 x 80 x 70
120 x 120 x 75
160 x 160 x 93
• Polyester enclosure with graphite added with external flanges
• Empty enclosure for individual fittings with EG increased safeguard
• Terminal enclosure for increased safety and intrinsic safety
• Optional version with window
Okta-Box Enclosures
Included in delivery
Empty enclosure: Enclosure with silicone seal
Terminal enclosure: Enclosure system - depending on
version either with silicone seal, continuity plate, DIN rails,
internal grounding connection, terminals, manufacturing,
cable glands
Technical Data
Explosion protection
II 2 G / 2 D
EEx e II T6 (increased safety)
EEx ia IIC T6 (intrinsic safety)
EEx e(ia) IIC T6 (mixed fitting)
Temperature classes T5 and T4 on request
Empty enclosure: PTB 01 ATEX 1061U
Terminal enclosure: PTB 00 ATEX 1002
Glassfiber-reinforced duroplastic Polyester, graphite added
Black, similar to RAL 9011
IP 66, EN 60529
>7 Nm, EN 50014
self-extinguishing UL 94 V0
>109 Ohm, EN 50014
max. 0.7%, ASTM D570
Halogen free
UV stabilized
-40°F to +104°F (corresponds T6 = 185°F max. surface temperature)
-40°F to +131°F (corresponds T5 = 212°F max. surface temperature)
Temperature to -67°F with special marking on request
PTB
06880100 00
06880200 00
06880300 00
Part Number
Part Number
Part Number
Dimensions
mm
Dimensions
Inches
W x L x H
Ex-e version
EN 50019
Ex-ia version
EN 50020
W x L x H
16880100 00
16880200 00
16880300 00
26880100 00
26880200 00
26880300 00
3.15 x 3.15 x 2.75
4.72 x 4.72 x 2.95
6.30 x 6.30 x 3.66
Certificates
Material
Color
Ingress protection
Impact resistance
Flammability
Surface resistance
Water absorption
Toxicity
Weather resistance
Temperature range of application
acc. EN
Empty enclosure
EN 50019
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com