Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 108 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 108 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 104Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 105Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 106Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 107Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 108Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 109Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 110Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 111Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 112Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 164 page
background image
www.Rose-Bopla.com
106
Accessories
External brackets (4 pieces)
Mounting set (gaskets, nuts and screws)
External hinge set (2 pieces)
31105000 00
37990001 00
37000002 00
100 x 100 x 61
150 x 100 x 61
150 x 150 x 81
200 x 100 x 61
200 x 200 x 81
200 x 200 x 121
300 x 150 x 81
300 x 200 x 81
300 x 200 x 121
300 x 300 x 121
300 x 300 x 161
380 x 380 x 151
400 x 150 x 81
400 x 200 x 121
400 x 300 x 161
500 x 300 x 161
500 x 400 x 161
600 x 200 x 121
Special size
• Terminal enclosure for increased safety and intrinsically safe protection
• Empty enclosure for individual fittings with EC-type examination certificate
• High quality stainless steel (1.4404)
Ex Stainless Steel Enclosures
Included in delivery
Empty enclosure: Enclosure with silicone/PUR seal and
external ground connection.
Terminal enclosure: Enclosure system-depending on
version either with silicone/PUR seal, continuity plate, DIN
rails, internal ground connection, terminals, manufacturing,
cable glands.
Technical Data
Explosion protection
II 2 G / 2 D
EEx e II T6 (increased safety)
EEx ia IIC T6 (intrinsic safety)
EEx e(ia) IIC T6 (mixed fitting)
Temperature class T5 and T4 on request
Empty enclosure: PTB 01 ATEX 1101U
Terminal enclosure: PTB 00 ATEX 1052
Stainless steel 1.25 mm or 1.5 mm 1.4404 / 316L
Polished grain 240
IP 66 EN 60529
>7 Nm, EN 50014
-40°F to +104°F (corresponds T6 = 185°F max. surface temperature)
-40°F to +131°F (corresponds T5 = 212°F max. surface temperature)
-40°F to +194°F (corresponds T4 = 275°F max. surface temperature)
Temperature to -67°F with special marking on request
PTB
35101006 00
35151006 00
35151508 00
35201006 00
35202008 00
35202012 00
35301508 00
35302008 00
35302012 00
35303012 00
35303016 00
35383816 00
35401508 00
35402012 00
35403016 00
35503016 00
35504016 00
35602012 00
35999999 00
Part
Number
Part
Number
Part
Number
Dimensions
mm
Dimensions
Inches
W x L x H
W x L x H
36101006 00
36151006 00
36151508 00
36201006 00
36202008 00
36202012 00
36301508 00
36302008 00
36302012 00
36303012 00
36303016 00
36383816 00
36401508 00
36402012 00
36403016 00
36503016 00
36504016 00
36602012 00
36999999 00
34101006 00
34151006 00
34151508 00
34201006 00
34202008 00
34202012 00
34301508 00
34302008 00
34302012 00
34303012 00
34303016 00
34383816 00
34401508 00
34402012 00
34403016 00
34503016 00
34504016 00
34602012 00
34999999 00
3.94 x 3.94 x 2.40
5.90 x 3.94 x 2.40
5.90 x 5.90 x 3.19
7.87 x 3.94 x 2.40
7.87 x 7.87 x 3.19
7.87 x 7.87 x 4.76
11.81 x 5.90 x 3.19
11.81 x 7.87 x 3.19
11.81 x 7.87 x 4.76
11.81 x 11.81 x 4.76
11.81 x 11.81 x 6.34
14.96 x 14.96 x 5.94
15.75 x 5.90 x 3.19
15.75 x 7.87 x 4.76
15.75 x 11.81 x 6.34
19.68 x 11.81 x 6.34
19.68 x 15.75 x 6.34
23.62 x 7.87 x 4.76
Special size
Certificates
Material
Surface
Ingress protection
Impact resistance
Temperature range of application
acc. EN
Empty enclosure
Ex-ia version
Ex-e version
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com