Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 112 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 112 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 108Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 109Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 110Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 111Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 112Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 113Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 114Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 115Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 116Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 164 page
background image
W x L x H
Handle Mounting Options
www.Rose-Bopla.com
110
230 x 100 x 128
260 x 160 x 108
360 x 160 x 108
560 x 160 x 108
230 x 200 x 128
230 x 200 x 198
230 x 330 x 128
230 x 330 x 198
230 x 400 x 128
230 x 400 x 242
230 x 600 x 128
230 x 280 x 130
310 x 400 x 128
310 x 400 x 198
310 x 600 x 128
310 x 600 x 198
310 x 400 x 244
310 x 400 x 158
• Small machine control enclosure in aluminum with protective bumper bars
• Membrane Lid Versions: small machine control enclosure in aluminum with front frame for front
panel and keypads
• Robust aluminum diecast enclosure body with front panel
• Transparent cover and handle sets (optional)
1300 Machine Control
Included in delivery
Unpainted diecast aluminum base and bezel.
Membrane Lid Versions: Aluminum front plate - 1F
membrane, unpainted base for 1F membrane style, bezel
designed for membrane front panel.
Please order front panel separately.
Technical Data
Enclosure body, die cast aluminum, Al Si 12. Bezel, die cast aluminum Al Si 12.
Front panel, anodized sheet aluminum, 3mm thick
IP 65 to EN 60529
>7Nm, EN 50014
Neoprene
-40°F to +194°F
Body, agate gray, similar to RAL 7038. Bezel, transport gray, similar to RAL
7043. Special colors on request.
13050000 00
13070000 00
13080000 00
13090000 00
13100000 00
13110000 00
13120000 00
13130000 00
13140000 00
13150000 00
13160000 00
13170000 00
13200000 00
13210000 00
13220000 00
13230000 00
13240000 00
13250000 00
Part
Number
Front
Panel
Int. hinges
stainless
steel
swiveling
range 150°
Ext. hinges
diecast
aluminum
swiveling
range 150°
Mounting
plates sheet
steel, non-
corrosive
DIN rails
non-
corrosive
TS 35
Silicone
lid seal,
resistant up
to 130°
Transparent
Covers
Turn bolt
lock
Dimensions
mm
Dimensions
Inches
W x L x H
10013005 00
10013007 00
10013008 00
10013009 00
10013010 00
10013010 00
10013012 00
10013012 00
10013014 00
10013014 00
10013016 00
10013017 00
10013020 00
10013020 00
10013022 00
10013022 00
10013020 00
10013020 00
-
-
-
-
•
•
•
•
•
•
•
•
•
•
•
•
•
•
-
-
-
-
•
•
•
•
•
•
•
•
•
•
•
•
•
•
-
-
-
-
-
-
•
•
•
•
•
-
•
•
•
•
•
•
-
-
-
-
•
•
•
•
•
•
•
-
•
•
•
•
•
•
-
-
-
-
•
•
•
•
•
•
•
-
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
9.05 x 3.94 x 5.04
10.23 x 6.30 x 4.25
14.17 x 6.30 x 4.25
22.05 x 6.30 x 4.25
9.05 x 7.87 x 5.04
9.05 x 7.87 x 7.79
9.05 x 12.99 x 5.04
9.05 x 12.99 x 7.79
9.05 x 15.75 x 5.04
9.05 x 15.75 x 9.53
9.05 x 23.62 x 5.04
9.05 x 11.02 x 5.12
12.20 x 15.75 x 5.04
12.20 x 15.75 x 7.79
12.20 x 23.62 x 5.04
12.20 x 23.62 x 7.79
12.20 x 15.75 x 9.61
12.20 x 15.75 x 6.22
Material
Ingress Protection
Impact Resistance
Seal
Temperature Range
Color
Membrane Lid Version available. Call
your factory representative for more
information.
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com