Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 113 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 113 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 109Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 110Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 111Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 112Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 113Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 114Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 115Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 116Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 117Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
111
Description
Item Number
Description
Part Number
Accessories
• Enclosure system for control and display fittings
• Variable size available in width and depth
• All-round adaptation capabilities for accessories
• Front panel insertion from front and rear
Slim Line 2000
Included in delivery
Profile 1: Extruded aluminum, 80 mm max. mounting depth
Profile 2: Extruded aluminum, 100 mm max. mounting depth
Profile 3: Extruded aluminum, 185 mm max. mounting depth
Technical Data
Enclosure profile: extruded aluminum, Al Mg Si 0.5 DIN 1725
Corner elements: diecast aluminum, Al Si 12 DIN 1725
Rear panel door: sheet metal, Al Mg 3, DIN 1725
Cover profile: thermoplastic material
IP 65 to EN 60529, NEMA 12
-22°F to +176°F
Enclosure: light gray, similar to RAL 7035
Handles: ruby red, similar to RAL 3003
Profile 1
Profile 2
Profile 3
19590020 00
19601004 00
19601008 00
19601001 00
19601002 00
19601007 00
10036001 00
19590011 00
19590012 00
19590013 00
19601005 00
19602004 00
19602005 00
19602006 00
19602002 00
Extruded aluminum, 80mm maximum mounting depth
Extruded aluminum, 110mm maximum mounting depth
Extruded aluminum, 185mm maximum mounting depth
Standard linking bar, one meter length, for split panels
Keyboard holder
Set of 2 hinges with screws
Panel mounting set with 12 screws, spring nuts, brackets
Fastening set 30 spring nuts, brackets, screws
Quick fastening kit for front plate
Set of M5 mounting nuts (8 pieces)
Console mounting kit, 15° fixed
Console mounting kit, 30° fixed
Console mounting kit. adjustable
Floppy disk drive mounting bay
Handle set (1 handle with brackets), 301 mm long for side attachment
Handle set (1 handle with brackets), 345 mm long for side attachment
Handle set (1 handle with brackets), 472 mm long for side attachment
Corner handle set: one L-shaped handle with brackets; three 556/395mm asymetrical for
side/bottom attachment
Description
ItemNumber
Description
Part Number
Coupling Adapters for Suspension Arm System 4945, 4949
19602003 00
19602011 00
19602012 00
19602007 00
19602008 00
19602013 00
Flange coupling adapter for 80 mm profile 1
Flange coulpling adapter for 100 mm profile 2
Flange coupling adapter for 185 mm profile 3
Flange coupling adapter for 110 mm profile 2
Flange coupling adapter for 185 mm profile 3
Flange coupling adapter for 185 mm profile 3
Material
Ingress Protection
Temperature Range
Color
Coupling Adapters for Suspension Arm System 4945, 4949, 4951, 4961, 1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com