Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 134 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 134 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 130Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 131Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 132Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 133Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 134Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 135Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 136Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 137Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 138Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 164 page
background image
www.Rose-Bopla.com
132
Type
Material
Color
Sealing Inset
External Seal
Ingress Protection
Temperature Range
PE seal
HP Polyethylene
Transparent
-
-
-
-22°F to +158°F
7
9
11
13.5
16
21
29
36
50
50
50
50
50
50
50
50
08000807 00
08000809 00
08000811 00
08000813 00
08000816 00
08000821 00
08000829 00
08000836 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
PE Seal
Characteristics
Polyethylene twisting
nipple with Pg connection
thread for feeding through
cables, without IP
protection or strain relief.
WN 9
WN 11
WN 13
WN 16
WN 21
WN 29
15.2
18.6
20.4
22.5
28.3
37
PG 9
PG 11
PG 13.5
PG 16
PG 21
PG 29
52020100 00
52020200 00
52020300 00
52020400 00
52020500 00
52020600 00
Model
Outer Ø
Connection Thread
Part Number
WN Twisting Nipples
Polyethylene Cable Glands
Polyethylene Cable Glands
Characteristics
Material
Blanking plug for
BoplaFlex cable glands
not fitted with cables to
provide IP 65 ingress
protection
Polyethylene
VS BF 7
VS BF 9
VS BF 11
VS BF 13
VS BF 16
VS BF 21
VS BF 29
VS BF 32
VS BF 36
VS BF 40
BF 7 / MBF 12
BF 9 / MBF 16
BF 11
BF 13 / MBF 20
BF 16
BF 21 / MBF 25
BF 29
MBF 32
BF 36
MBF 40
10000110 00
10000210 00
10000310 00
10000410 00
10000510 00
10000610 00
10000710 00
10000715 00
10000810 00
10000815 00
Model
For Use With
Part Number
VS BF Blanking Plugs for PoplaFlex Cable Glands
Characteristics
Material
Blind washer for all Bopla
cable glands. Place the
blind washer under the
sealing ring if dust
protection is required.
Polyethylene
BS 7
BS 9
BS 11
BS 13
BS 16
BS 21
BS 29
POZ 7 / POZB 7 / MSS 7 / MSD 7 / MSK 7
POZ 9 / POZB 9 / MSS 9 / MSD 9 / MSK 9
POZ 11 / POZB 11 / MSS 11 / MSD 11 / MSK 11
POZ 13 / POZB 13 / MSS 13 / MSD 13 / MSK 13
POZ 16 / POZB 16 / MSS 16 / MSD 16 / MSK 16
POZ 21 / POZB 21 / MSS 21 / MSK 21
POZ 29 / POZB 29 / MSK 29
12911280 00
12911285 00
12911290 00
12911300 00
12911305 00
12911310 00
12911320 00
Model
Connection Thread
Part Number
BS Blind Washers for BoplaCon Cable Glands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com