Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 137 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 137 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 133Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 134Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 135Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 136Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 137Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 138Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 139Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 140Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 141Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
135
Specifications
Mechanical, Electrical, and
Thermal Properties
Yield
Tensile Strength
Ductile Yield
Brinnel Hardness
Density
Castability
Polishability
Machinability
Weldability
Resistance
Thermal Conductivity
Heat Resistance
Cold Resistance
Aluminum
ALUMINUM
CASTING METHODS
LIMITATIONS
ROSE
+BOPLA COPPER
FREE ALUMINUM
ALUMINUM
Rose
+Bopla uses three methods to produce their die cast aluminum watertight enclosures:
Die Casting, Chill Casting, and Sand Casting.
Like all products, Rose
+Bopla’s cast aluminum enclosures do have limitations. Rose+Bopla cannot change the size of any of
these boxes dimensionally. Rose
+Bopla’s die cast boxes have depth limitations. Most designs are somewhat shallow.
Rose
+Bopla cannot increase depth. If depth is a problem, use Rose+Bopla’s Build-A-Box®enclosures which are made from
aluminum extrusion that can be cut to any depth required. If you cannot find the size you need, please call the factory. We can
do a custom size for your application. Tooling costs and minimum order may apply.
Rose
+Bopla uses AL Si 12 alloy in its cast aluminum housings. The term “Copper Free” is used to describe aluminum alloys
which contain less then 0.4% copper. Rose
+Bopla’s copper content is .10% for Die Castings and .05% for Chill Castings and
Sand Castings. It is the reduction in the copper content which increases the natural corrosion resistant properties of aluminum.
Copper Free aluminum is particularly resistant to salt atmospheres, sulphur gases and ammonium nitrate. Above a level of
0.4% copper, the range of corrosion due to galvanic action within the structure of the metal increases rapidly.
Rose
+Bopla’s aluminum alloys are highly superior to most ferrous materials. For military applications we irridite these
enclosures to Mil Spec C-5541, Class 1A or Class 3. Rose
+Bopla’s “Copper Free” aluminum products provide optimum
protection against galvanic corrosion.
130
240
1
60
2.65
Very Good
Good
Good
Limited
18-27
130-160
200
-100
80
170
6
55
2.65
Excellent
Adequate
Good
Excellent
18-27
140-170
200
-100
70
150
5
45
2.65
Excellent
Adequate
Good
Excellent
18-27
140-170
200
-100
160
215
12
70
2.7
-
Excellent
Excellent
Excellent
28-34
190-210
200
-100
N/mm2
N/mm2
%
HB
g/cm3
m/ mm2
W/mK
°C
°C
Pressure
Die-Cast
Chill
Cast
Sand
Cast
Extrusion
Unit Of
Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com