Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 141 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 141 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 137Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 138Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 139Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 140Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 141Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 142Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 143Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 144Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 145Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
139
Polycarbonate
POLYCARBONATE
NOTE
Features excellent strength, stiffness and impact resistance, very good thermal stability, tough yet flexible down to -150° F,
excellent dimensional accuracy and stability, weather resistance, excellent light transmission (up to 89% with translucent
grades), good electrical insulating properties. High gloss finish.
Mechanical fastening is a good technique for attaching materials and components to polycarbonate. It is relatively quick and
provides high assembly strength. In addition, mechanical fastening does not subject the plastic to chemical changes,
accordingly, losses in the properties of the polycarbonate are minimized.
Screws are one form of mechanical fastening used to minimize induced assembly stresses in polycarbonate use. Thread
cutting, rather than thread forming screws are recommended. A thread forming screw merely displaces material, setting-up
areas of high stress.
THREAD CUTTING screws remove material and do not cause excessive stress when used properly.
POLYCARBONATE IS NOT TOLERANT OF OIL IN GENERAL AND HIGH SULPHIDE OILS, IN PARTICULAR. IF OIL IS
CONTINUOUSLY PRESENT, WE DO NOT RECOMMEND POLYCARBONATE.
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com