Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 140 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 140 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 136Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 137Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 138Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 139Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 140Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 141Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 142Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 143Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 144Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 164 page
background image
www.Rose-Bopla.com
138
Specifications
27
1.4
2200
25
150
120
16
78
82
84
HB
2.5
2.5
1.5
4
>1013
Fiberglass
Test Standard
GFK FIBERGLASS
Polystyrene
4 x 1015
fully insulated
self-extinguishing
Free of Halogenated Gases
0.2% Max
KDS 0303
DIN 53482
VDE 0100
UL 94 VO
DIN 53495
ISO/R 62
Surface Resistance
Insulation
Burning Process
Toxic Fumes
Moisture Content
Ohm
Approx. Value
Physical Properties
Physical Strength
Unit of Measurement
Tensile strength, yield
Tensile strain, yield
Tensile modulus
Normal strain at break
Charpy impact, unnotched
+ 23° C
- 30° C
Charpy impact, notched
23° C
Heat deflation, temperature
Method A
Method B
Vicat Softening, Temperature
Method b
Flame resistance test
Relative Permittivity
(100Hz)
Relative Permittivity
(1 MHz)
Dissipation Factor
(100 Hz)
Dissipation Factor
(1 MHz)
Surface resistivity
MPa
%
MPa
%
kJ/m2
kJ/m2
°C
°C
-
-
E-4
E-4
Ohms
ISO 527
ASTM D 638
ISO 527,
ASTM D 638
ISO 527
ASTM D 638
ISO 527
ISO 179/1eU
ISO 179/1eA
ISO 75
ISO 306
UL 94/ISO 1210
ISO 60250
ISO 60250
ISO 60250
ISO 60250
IEC 60093
Unit of
Measurement
Approx. Value
Test Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com