Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 143 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 143 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 139Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 140Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 141Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 142Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 143Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 144Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 145Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 146Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 147Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
141
Specifications
ISO 527
ISO 527
ISO 527
ISO 178
ISO 178
ISO 180/1A
ISO 179/1eU
ISO 179/2C
ISO 2039-1
DIN 52612
ISO 306
ISO 75
UL 94/ISO 1210
IEC 60243-1
IEC 60093
IEC 60093
ISO 62
ABS
Physical Properties
Tensile stress, yield
Tensile strain, yield
Tensile modulus
Flexural stress, yield
Flexural modulus
Izod impact, notched
+ 23°C
Charpy impact, unnotched
+ 23°C
-30° C
Charpy impact, notched
+23°C
- 30°C
Ball indentation, hardness
Thermal conductivity
Vicat Softening, temperature
Method b
Method a
Heat deflection, temperature
Method A
Method B
Flame resistance test
Dielectric Strength
Surface resistivity
Volume resistivity
Water absorption
23°C, storage H2O
MPa
%
MPa
MPa
MPa
KJ/m2
KJ/m2
KJ/m2
MPa
W/mK
°C
°C
KV/mm
Ohms
Ohm-cm
%
50
2.3
2300
72
2460
16
No failure
75
18
8
108
0.18
97
92
96
HB
17
>1014
1015
0.4
Unit of Measurement
Test Standard
Approx. Value
ABS
ABS offers an excellent combination of mechanical and thermal properties, outstanding stiffness, impact strength, hardness,
heat resistance, and dimensional stability. ABS can be chemically electroplated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com