Electronic Components Datasheet Search
  English  ▼

X  

REDIN120 Datasheet(PDF) 1 Page - Recom International Power

Part # REDIN120
Description  DC OK Indicator LED with Relay Contacts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN120 Datasheet(HTML) 1 Page - Recom International Power

  REDIN120 Datasheet HTML 1Page - Recom International Power REDIN120 Datasheet HTML 2Page - Recom International Power REDIN120 Datasheet HTML 3Page - Recom International Power REDIN120 Datasheet HTML 4Page - Recom International Power REDIN120 Datasheet HTML 5Page - Recom International Power REDIN120 Datasheet HTML 6Page - Recom International Power REDIN120 Datasheet HTML 7Page - Recom International Power REDIN120 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
DIN Rail
Series
• Universal AC Input (85-264VAC)
• Protections: SCP, OVP, OLP, OTP
• DC OK Indicator LED with Relay Contacts
• 150% (180W) peak load capacity
• Built-in active PFC,PF>0,95
• High effciency up to 92.5%
AC/DC Converter
PDR-1
REV.: 0/2016
www.recom-power.com
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
85VAC
264VAC
Absolute Maximum Input
Voltage
max. 3s
300VAC
375VDC
Input Current
115VAC, full load
230VAC, full load
1.5A
0.65A
Return Voltage Immunity
12Vout
24Vout
48Vout
18V
35V
65V
Inrush Current
115VAC, cold start
230VAC, cold start
40A
60A
No Load Power Consumption
115VAC
230VAC
1.5W
1.2W
3W
3W
Input Frequency Range
47Hz
63Hz
Output Voltage Trimming
+16.67%
Power Factor
115VAC
230VAC
0.99
0.95
Start-up time
115VAC, full load
230VAC, full load
500ms
250ms
Hold-up time
115VAC, full load
230VAC, full load
20ms
20ms
40ms
40ms
Ripple and Noise(1)
0 - 70°C
-25°C
12Vout
100mVp-p
200mVp-p
0 - 70°C
-25°C
24Vout
120mVp-p
240mVp-p
-25°C - 70°C 48Vout
240mVp-p
continued on next page
Specifications (measured @ ta= 25°C, rated Vin, rated load and after warm up)
UL60950-1 Certified
UL508 Certified
IEC/EN60950-1 Certified
Description
These DIN-rail mounted power supplies have a robust case, 4mm screw terminal connectors and use
high reliability components to give a long, trouble-free life. The REDIN120 can be end mounted to
save rail space or side mounted for use in low-profile cabinets. The units can deliver up to 150%
start-up power and allow n+1 parallel operation to increase the continuous output current or for supply
redundancy. Relay contacts simplify DC OK monitoring. The REDIN120 series is designed for
demanding commercial and industrial applications with UL508, UL60950, IEC60950 CB report and
CE (LVD + EMC + RoHS) certifications. They come with a full 5-year warranty.
Selection Guide
Part
nom. Input
Output
Output
Rated
Efficiency
Number
Voltage Range
Voltage
Adjustability
Current
typ.
230VAC full load
[VAC]
[VDC]
[VDC]
[A]
[%]
REDIN120-12
100-240
12
12-14
8.33
89.5
REDIN120-24
100-240
24
24-28
5
91.5
REDIN120-48
100-240
48
48-56
2.5
92.5
E224736
120 Watt
DIN-Rail
Power
Supply
REDIN120
5 YEAR
warranty
5
Notes:
Note1: Measured at 20MHz bandwidth by using a 12” twisted pair-wire terminated
with a 0.1µF & 10µF parallel capacitor.


Similar Part No. - REDIN120

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIN120-24/3AC RECOM-REDIN120-24/3AC Datasheet
608Kb / 8P
120 Watt 3 Phase DIN-Rail Power Supply
REDIN120-3AC RECOM-REDIN120-3AC Datasheet
608Kb / 8P
120 Watt 3 Phase DIN-Rail Power Supply
More results

Similar Description - REDIN120

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
250mA NanoPower LDO Linear Regulator with Power -OK
logo
Chicago Miniature Lamp,...
19200X50 CML-19200X50 Datasheet
340Kb / 1P
LED Indicator 8mm Infrared LED with optic
19200000 CML-19200000 Datasheet
265Kb / 1P
LED Indicator 8mm Infrared LED with Optic
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316 Datasheet
395Kb / 15P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316 ANPEC-APL5316_11 Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
logo
List of Unclassifed Man...
SDS-030A24 ETC2-SDS-030A24 Datasheet
111Kb / 2P
Power ON with LED indicator
logo
PHOENIX CONTACT
REL-IR2 PHOENIX-REL-IR2 Datasheet
99Kb / 4P
Plug-in industrial relay with power contacts, 2 changeover contacts, test key, mechanical switch position indicator, polarity: bipolar, input voltage: 24 V DC
REL-IR4 PHOENIX-REL-IR4 Datasheet
100Kb / 4P
Plug-in industrial relay with power contacts, 4 changeover contacts, test key, mechanical switch position indicator, polarity: bipolar, input voltage: 24 V DC
logo
Schneider Electric
782XBXCL-110D SCHNEIDER-782XBXCL-110D Datasheet
196Kb / 4P
Power relay, SE Relays, 15A, DPDT, 110 VDC, clear cover with LED indicator
Jul 22, 2021
782XBXCL-12D SCHNEIDER-782XBXCL-12D Datasheet
196Kb / 4P
Power relay, SE Relays, 15A, DPDT, 12 VDC, clear cover with LED indicator
Jul 22, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com