Electronic Components Datasheet Search
  English  ▼

X  

REDIN120 Datasheet(PDF) 4 Page - Recom International Power

Part # REDIN120
Description  DC OK Indicator LED with Relay Contacts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN120 Datasheet(HTML) 4 Page - Recom International Power

  REDIN120 Datasheet HTML 1Page - Recom International Power REDIN120 Datasheet HTML 2Page - Recom International Power REDIN120 Datasheet HTML 3Page - Recom International Power REDIN120 Datasheet HTML 4Page - Recom International Power REDIN120 Datasheet HTML 5Page - Recom International Power REDIN120 Datasheet HTML 6Page - Recom International Power REDIN120 Datasheet HTML 7Page - Recom International Power REDIN120 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Isolation Voltage
I/P to O/P
I/P to PE
O/P to PE
3.0kVAC / 1minute
2.5kVAC / 1minute
0.5kVAC / 1minute
Isolation Resistance
10M
W min.
Leakage Current
I/P to O/P
I/P to PE, 240VAC 50Hz
0.1mA typ. / 0.25mA max.
1.0mA max.
AC/DC Converter
PDR-4
REV.: 0/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, rated Vin, rated load and after warm up)
REDIN120
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-25°C to +70°C
Temperature Coefficient
±0.03%/°C
Operating Altitude
3000m
Operating Humidity
non-condensing
20% - 90% RH
IP Rating
IP20
Pollution Degree (PD)
PD2
Shock
10-500Hz 2G, 60min.
Vibration
10G /11ms, along x,y and z axis
MTBF
MIL-HDBK-217F, full load, 25°C
300 x 10³ hours
continued on next page
Derating Graph
Overload Capability
-25 -20
-10
0
0
10
20
20
30
40
40
50
60
60
70
80
80
100
Pout 115VAC cont.
Pout 230VAC cont.
Ambient Temperature [°C]
-25
60
80
70
100
100
y
0
x
60
40
20
0
-20
0
20
40
60
80
75
100
Ambient Temperature [°C]
100
Time [s]
Vadj.
85
12V
24V
48V
REDIN120-12
REDIN120-24
REDIN120-48
14V
28V
56V
Time (x) [s]
Pout (y) [%]
1
180
4
150
7
140
45
120



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com