Electronic Components Datasheet Search
  English  ▼

X  

REDIN120 Datasheet(PDF) 5 Page - Recom International Power

Part # REDIN120
Description  DC OK Indicator LED with Relay Contacts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN120 Datasheet(HTML) 5 Page - Recom International Power

  REDIN120 Datasheet HTML 1Page - Recom International Power REDIN120 Datasheet HTML 2Page - Recom International Power REDIN120 Datasheet HTML 3Page - Recom International Power REDIN120 Datasheet HTML 4Page - Recom International Power REDIN120 Datasheet HTML 5Page - Recom International Power REDIN120 Datasheet HTML 6Page - Recom International Power REDIN120 Datasheet HTML 7Page - Recom International Power REDIN120 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC/DC Converter
PDR-5
REV.: 0/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, rated Vin, rated load and after warm up)
REDIN120
Series
EMC Compliance
Report / Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics -
Limits and methods of measurement
EN55022, Class B, 2010
Information technology equipment - Immunity characteristics - Limits and
methods of measurement
EN55024, Class B, 2010
Limitations on the amount of electromagnetic intererence allowed from
digital and electronic devices
47 CFR FCC Part 15, Subpart B: 2014
Methods of Measurement of Radio-Noise Emissions from Low-Voltage
Electrical and Electronic Equipment in the Range of 9 kHz to 40 GHz
ANSI C63.4: 2014
ESD Electrostatic discharge immunity test
Air ±8kV, Contact ±4kV
EN61000-4-2, Criteria B, 2009
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
EN61000-4-3, Criteria A, 2006
Fast Transient and Burst Immunity
AC Power Port: L+N+PE ±1kV
EN61000-4-4, Criteria B, 2012
Surge Immunity
AC Power Port L-N ±1kV, L-PE + N-PE ±2kV
EN61000-4-5, Criteria B, 2014
Immunity to conducted disturbances, induced by radio-frequency fields
AC Power Port 3V
EN61000-4-6, Criteria A, 2014
Power Magnetic Field Immunity
50Hz, 1A/m
EN61000-4-8, Criteria A, 2010
Voltage Dips and Interruptions
Voltage Dips >95%
Voltage Dips 30%
Voltage Interruptions >95%
EN61000-4-11, Criteria B, 2004
EN61000-4-11, Criteria C, 2004
EN61000-4-11, Criteria C, 2004
Limits of Harmonic Current Emissions
EN61000-3-2, Criteria A, 2014
Voltage Fluctuations & Flicker
EN61000-3-3, Clause 5: 2013
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E224736
UL60950-1, 2nd Edition, 2014
CSA C22.2 No. 60950-1-07, 2nd Edition, 2014
Industrial Control Equipment
E470721
UL508, 17th Edition, 2013
CSA C22.2 No. 107.1-01, 3rd Edition, 2011
Information Technology Equipment - General Requirments for Safety
SA1508106S 001 +
SA1508106S 002
IEC60950-1, 2nd Edition 2005, +AM1:2009 + AM2:2013
EN60950-1:2006, + A11:2009 + A1:2010 + A12:2011
+ A2:2013
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Cover
Aluminium
Nickel plated steel
Package Dimension (LxWxH)
without mounting clip
114.5 x 33.0 x 124.4mm
Package Weight
590g typ.
continued on next page



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com