Electronic Components Datasheet Search
  English  ▼

X  

REDIN120 Datasheet(PDF) 2 Page - Recom International Power

Part # REDIN120
Description  DC OK Indicator LED with Relay Contacts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN120 Datasheet(HTML) 2 Page - Recom International Power

  REDIN120 Datasheet HTML 1Page - Recom International Power REDIN120 Datasheet HTML 2Page - Recom International Power REDIN120 Datasheet HTML 3Page - Recom International Power REDIN120 Datasheet HTML 4Page - Recom International Power REDIN120 Datasheet HTML 5Page - Recom International Power REDIN120 Datasheet HTML 6Page - Recom International Power REDIN120 Datasheet HTML 7Page - Recom International Power REDIN120 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
continued on next page
AC/DC Converter
PDR-2
REV.: 0/2016
www.recom-power.com
Efficiency vs. Load
Efficiency vs. Load
Power Dissipation vs Load
Power Dissipation vs Load
Power Factor vs Load over Vin
Power Factor vs Load over Vin
Input Current vs Load
Input Current vs Load
Specifications (measured @ ta= 25°C, rated Vin, rated load and after warm up)
REDIN120
Series
REDIN120-12
REDIN120-24
115VAC
230VAC
264VAC
Load Current [A]
0
10
0
20
40
60
80
100
2
30
4
50
6
8
70
90
Iin 115VAC [A]
Iin 230VAC [A]
Load Current [A]
0
0
0.2
0.6
1
1.4
2
1
3
0.4
4
5
0.8
6
7
8
1.2
115VAC
230VAC
Load Current [A]
0
5
0
10
20
2
15
4
25
6
8
115VAC
230VAC
Load Current [A]
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2
3
1
4
5
6
7
8
115VAC
230VAC
264VAC
Load Current [A]
10
0
1
2
3
5
4
0
20
40
60
80
100
30
50
70
90
115VAC
230VAC
Load Current [A]
0
5
0
10
20
2
1
15
4
3
5
25
Iin 115VAC [A]
Iin 230VAC [A]
Load Current [A]
0
0
0.2
0.6
1
1.4
2
1
3
0.4
4
5
0.8
1.2
115VAC
230VAC
Load Current [A]
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2
3
1
4
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com