Electronic Components Datasheet Search
  English  ▼

X  

UM2048 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM2048
Description  DSI to HDMI adapter board for STM32 Development Tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2048 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM2048 Datasheet HTML 2Page - STMicroelectronics UM2048 Datasheet HTML 3Page - STMicroelectronics UM2048 Datasheet HTML 4Page - STMicroelectronics UM2048 Datasheet HTML 5Page - STMicroelectronics UM2048 Datasheet HTML 6Page - STMicroelectronics UM2048 Datasheet HTML 7Page - STMicroelectronics UM2048 Datasheet HTML 8Page - STMicroelectronics UM2048 Datasheet HTML 9Page - STMicroelectronics UM2048 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Video and audio input connector
UM2048
6/12
DocID029197 Rev 1
2
Video and audio input connector
A male high speed connector CN1 on bottom side is used to implement DSI to HDMI
adapter board on mother board. The 4-lane DSI video signals, audio (I2S or S/PDIF)
signals, CEC signals and control signals (I2C bus, reset and interrupt signals) are on this
connector.
Table 1 shows the pinout of CN1.
Table 1. Video and audio input connector CN1
Pin number
Description
Interface
Pin number
Description
Interface
1GND
-
2
-
-
3
DSI_CK_P
DSI
4
INT
Interrupt output
5
DSI_CK_N
DSI
6
GND
-
7
GND
-
8
DSI_D2_P
DSI
9
DSI_D0_P
DSI
10
DSI_D2_N
DSI
11
DSI_D0_N
DSI
12
GND
-
13
GND
-
14
DSI_D3_P
DSI
15
DSI_D1_P
DSI
16
DSI_D3_N
DSI
17
DSI_D1_N
DSI
18
-
-
19
GND
-
20
-
-
21
+5 V
-
22
-
-
23
+5 V
-
24
-
-
25
-
-
26
-
-
27
-
-
28
-
-
29
-
-
30
-
-
31
-
-
32
-
-
33
-
-
34
-
-
35
SCLK/MCLK
Audio
36
3.3 V
37
LRCLK
Audio
38
-
-
39
I2S/SPDIF
Audio
40
I2C_SDA
I2C
41
-
-
42
-
-
43
-
-
44
I2C_SCL
I2C
45
CEC_CLK
CEC
46
-
-
47
CEC
CEC
48
-
-
49
-
-
50
-
-
51
-
-
52
-
-
53
-
-
54
-
-
55
-
-
56
-
-
57
RESET
Reset input
58
-
-
59
-
-
60
1.8V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com