Electronic Components Datasheet Search
  English  ▼

X  

UM2048 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM2048
Description  DSI to HDMI adapter board for STM32 Development Tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2048 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM2048 Datasheet HTML 3Page - STMicroelectronics UM2048 Datasheet HTML 4Page - STMicroelectronics UM2048 Datasheet HTML 5Page - STMicroelectronics UM2048 Datasheet HTML 6Page - STMicroelectronics UM2048 Datasheet HTML 7Page - STMicroelectronics UM2048 Datasheet HTML 8Page - STMicroelectronics UM2048 Datasheet HTML 9Page - STMicroelectronics UM2048 Datasheet HTML 10Page - STMicroelectronics UM2048 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID029197 Rev 1
7/12
UM2048
Video and audio input connector
11
2.1
Video input (MIPI DSI) signals
4-lane MIPI DSI signals are connected on DSI to HDMI adapter board as video input
interface. This board supports 2-, 3- or 4-lane DSI video input data and each running up to
800 Mbps.
DSI interface is compatible with DPHY V.0.90 and DSI V.1.02 and Supports inputs of 16-bit
RGB 4:4:4, 24-bit RGB 4:4:4 and 30-bit RGB 4:4:4.
2.2
Audio input (S/PDIF & I2S) signals
S/PDIF or I2S audio input interface is implemented on CN1. DSI to HDMI adapter board
supports standard S/PDIF for stereo LPCM or compressed audio up to 192 kHz, or 2-
channel uncompressed LPCM I2S audio up to 192 kHz.
2.3
Control signals
I2C bus on CN1 serves as the serial port data I/O slave for register access. The default
address is 0x7A.
Reset signal from mother board is connected to Power Down (PD) pin on ADV7533. It is
internal pulled up by ADV7533.
Interrupt output signal is for mother board and it is pull up on DSI to HDMI adapter board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com