Electronic Components Datasheet Search
  English  ▼

X  

UM2048 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM2048
Description  DSI to HDMI adapter board for STM32 Development Tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2048 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM2048 Datasheet HTML 4Page - STMicroelectronics UM2048 Datasheet HTML 5Page - STMicroelectronics UM2048 Datasheet HTML 6Page - STMicroelectronics UM2048 Datasheet HTML 7Page - STMicroelectronics UM2048 Datasheet HTML 8Page - STMicroelectronics UM2048 Datasheet HTML 9Page - STMicroelectronics UM2048 Datasheet HTML 10Page - STMicroelectronics UM2048 Datasheet HTML 11Page - STMicroelectronics UM2048 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HDMI output connector
UM2048
8/12
DocID029197 Rev 1
3
HDMI output connector
A standard HDMI output connector CN2 is implemented on DSI to HDMI adapter board. The
output supports all video and graphics resolutions from 480i to 1080p at 30 Hz. Thanks to
common-mode filter with ESD protection parts, HDMI output connector is complies with IEC
61000-4-2 level 4 standard.
On CN2, I2C master for EDID reading and HDCP operations reports HDMI events through
interrupts and registers. Hot Plug Detect Signal (HPD) Indicates to the interface whether the
receiver is connected.
Table 2 shows the pinout of CN2.
Table 2. HDMI output connector CN2
Pin number
Description
Pin number
Description
1
TMDS D2+
11
GND
2
GND
12
TMDS Clock-
3
TMDS D2-
13
CEC
4TMDS D1+
14
NC
5
GND
15
DDC_I2C_SCL
6
TMDS D1-
16
DDC_I2C_SDA
7
TMDS D0+
17
GND
8GND
18
HDMI_5V_Source from
power switch U5
9
TMDS D0-
19
HPD
10
TMDS Clock+
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com