Electronic Components Datasheet Search
  English  ▼

X  

UM2048 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM2048
Description  DSI to HDMI adapter board for STM32 Development Tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2048 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM2048 Datasheet HTML 4Page - STMicroelectronics UM2048 Datasheet HTML 5Page - STMicroelectronics UM2048 Datasheet HTML 6Page - STMicroelectronics UM2048 Datasheet HTML 7Page - STMicroelectronics UM2048 Datasheet HTML 8Page - STMicroelectronics UM2048 Datasheet HTML 9Page - STMicroelectronics UM2048 Datasheet HTML 10Page - STMicroelectronics UM2048 Datasheet HTML 11Page - STMicroelectronics UM2048 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
5
Schematic
Figure 4. Board schematic
11
DSI to HDMI adapter
MB1232
A.1
5/20/2016
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
HDMI daugher board
Project:
Source
+5V
C20
4.7uF
GND
2
IN
5
EN
4
OUT
1
FAULT
3
U5
STMPS2141STR@54
HDMI_5V_Source
+5V
TMDS_Data2+
TMDS_Data2-
TMDS_Data1+
TMDS_Data1-
TMDS_Data0+
TMDS_Data0-
TMDS_Clock+
TMDS_Clock-
Tx2-
A2
GND
C7
LRCLK
D3
GND
E7
GND
F1
DRx3+
G6
Tx1+
A3
GND
B5
GND
B3
GND
B2
R_EXT
C5
DRx1-
F4
GND
B6
Tx0+
A5
GND
E1
DRxC+
G2
DRx0+
G3
DRx1+
G4
DRx2+
G5
DRx2-
F5
TxC-
B7
DRx3-
F6
GND
F7
Tx1-
A4
Tx2+
A1
DRx0-
F3
I2S/SPDIF
C1
Tx0-
A6
DRxC-
F2
SCLK/MCLK
C2
TxC+
A7
U2
ADV7533BCBZ-RL
+3V3
I2C_SDA
I2C_SCL
INT
+5V
Connector for motherboard
HSSI_CLK_N
HSSI_CLK_P
HSSI_D0_N
HSSI_D0_P
HSSI_D1_N
HSSI_D1_P
RST
C19
100nF
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
26
26
27
27
28
28
29
29
30
30
31
31
32
32
33
33
34
34
35
35
36
36
37
37
38
38
39
39
40
40
41
41
42
42
43
43
44
44
45
45
46
46
47
47
48
48
49
49
50
50
51
51
52
52
53
53
54
54
55
55
56
56
57
57
58
58
59
59
60
60
61
61
62
62
63
63
64
64
CN1
QTH-030-02-F-D-A
HSSI_D2_N
HSSI_D2_P
HSSI_D3_N
HSSI_D3_P
SCLK
LRCLK
I2S
CEC_CLK
+1V8_CON
C21
100nF
HPD
DDC_SDA
DDC_SCL
C3
10uF
C9
100nF
C15 100nF
+3V3
C10 100nF
C4
10uF
+1V8
C14 100nF
C5
10uF
C11 100nF
C6
10uF
C7
10uF
C12 100nF
C8
10uF
C13 100nF
C16 100nF
C17 100nF
R6
10K
R8
[N/A]
R9
[N/A]
+1V8
SB11
Closed
R7
27K
+3V3
D1
BAR18
R2
1K[1%]
+3V3
CEC
A2
GND
B2
5V
A1
SCL
A3
SDA
B3
RPU
C1
GND
C2
HPD
C3
U6
HDMI05-CL01F3
CEC
+5V
C23
100nF
C24
100nF
Vin
3
Vout
2
Tab
4
U1
LD1117S18TR
C2
10uF
+3V3
SB3
Closed
SB2
Open
+1V8
+1V8_CON
SB8
Closed
SB9
Open
SB7
Open
H1
Note: Text in italic placed on a wire doesn¡¯t correspond to net name. It just helps to
identify rapidly MCU IO related to this wire.
SB6
Closed
R1
2K
R5
2K[N/A]
R3
2K[N/A]
R4
2K[N/A]
C22
100nF
SB5
Open
SB10
Closed
CEC_IO
Differential pairs 100ohm
Differential pairs 100ohm
Differential pairs 100ohm
C18
100nF
I2C address:0x7A
C1
10uF
R10
120[N/A]
SB1
Closed
V1P2
V1P2
VDD
4
OUT
3
EN
1
GND
2
X1
NZ2520SB-12.000000M-NSA3412D
+3V3
C25
100nF
R11
10K
SB4
Open
SB13
Open
SB12
Closed
+1V8
R13
10K
R12
10K
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CN2
GND
3
D1-
2
D1+
1
D1+
10
D1-
9
D2+
4
D2-
5
D2-
6
D2+
7
GND
8
U3
ECMF04-4HSWM10
GND
3
D1-
2
D1+
1
D1+
10
D1-
9
D2+
4
D2-
5
D2-
6
D2+
7
GND
8
U4
ECMF04-4HSWM10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com