Electronic Components Datasheet Search
  English  ▼

X  

0809062000 Datasheet(PDF) 116 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 116 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 112Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 113Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 114Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 115Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 116Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 117Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 118Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 119Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 120Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 164 page
background image
www.Rose-Bopla.com
114
SL 2000 Ordering Guide Instruction Sheet
1. Begin to fill in your SL 2000 part number as
19__by going down through the SL 2000 Ordering
Guide and filling in or circling the required items.
You will build a 10-digit part number.
2. Coupling Hole–circle yes if you will be using a
suspension coupling adapter.
3. Coupling Hole Location–select from...top,
bottom, left, right. Also circle location guide in top
left hand corner of ordering guide sheet.
4. Install Adapter–circle yes if you would like us to
install the coupling adapter.
5. Write in the Rose
+Bopla flange coupling part number being used if any.
6. Select Profile–your profile choice will depend on your required depth. See drawings and
keep in mind that your front plate will affect this choice.
7. Usable Panel Space–fill in the usable panel space (in mm) you will need for your control or
display panel.
8. Actual Panel Size–take your usable space and add 34mm to arrive at this figure.
9. Usable Depth–Check your supplied drawings to get this figure. Note: mounting your front
plate from the front or rear will affect this dimension.
10. External Size–take your actual panel size and add 95.6mm to the height and width to arrive
at these circumference dimensions.
11. Door/Rear Panel–you have a choice of a screwed-on rear panel or a hinged door. Please
circle your choice and also the desired hinge locations.
12. Front Panel–Circle your choice of front panel/finish and installation method.
13. Machining–Please circle if you would like for us to machine/engrave your panels. if yes,
please supply us with your drawing number and fax us a copy for review.
14. Silkscreen–Rose
+Bopla can provide complete silkscreen services. If you would like this
service we will need a drawing for placement and artwork to create the screen.
15. Handles–Please provide the part number and location for the handle style you have chosen.
Keyboard Holder and Console Mounting Kit are available options. Note: A handle set consists
of one handle and the required number of brackets.
16. Rose
+Bopla will install front bezel material and outside protective rubber unless specified
otherwise.
17. Notes–please fill in any special notes or instructions for building the unit.
18. After design review, a copy of the ordering guide will be faxed to you for final approval and
signature.
Note: For units with a console, please also fill out the “Console Ordering Guide” using these same
guidelines.
SL 2000 Accessories
SL Panel Mounting Set for integrating the SL
2000 into control panels.
19601000 00 Includes fittings, sealing ring, and
screws.
SL Handle Set consisting of tube and fittings
19602002 00 Asymmetrical
19602004 00 Side Attachment
19602005 00 Side Attachment
19602006 00 Side Attachment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com