Electronic Components Datasheet Search
  English  ▼

X  

0809062000 Datasheet(PDF) 119 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 119 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 115Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 116Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 117Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 118Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 119Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 120Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 121Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 122Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 123Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
117
Weight (lbs)
Part Number
Connection Components
Steel Tubing
Part Number
Weight (lbs)
• Industrial tube suspension arm system for supporting machine control enclosures
• Modular construction using steel tubing and individual connection components
• Protected internal cable routing
4949 Suspension Arm System
Technical Data
Transport gray, similar to RAL 7043
Connection components - aluminum, steel
Round Tubing - galvanized steel tube, 48 x 4 mm
Powder-coat painted connection components
IP 54, EN 60529. Foot 49496800, IP 40
Cut the tubing. Slide components together. Tighten to required torque,
22 lbs. force (30 Newton Meters). Complete assembly instructions are
provided with components.
Bass bracket
Foot
Foot
Wall bracket (Horizontal Exit)
Wall bracket (Vertical Exit)
Elbow
Coupling
Coupling
Elbow coupling
Elbow coupling
Angled adapter 30°
Adapter flange for external cable
Tilting adapter
49496600 00
49497200 00
49496800 00
49497000 00
49496200 00
49497100 00
49497300 00
49497700 00
49497500 00
49497800 00
49497600 00
49497900 00
49498000 00
4.18
1.65
1.54
3.75
3.31
1.76
1.10
1.10
1.54
1.54
0.88
8.82
1.32
Round tubing 10 feet, 4 mm wall thickness, zinc plated
Round tubing 10 feet, 4 mm wall thickness, zinc plated
Color
Material
Finish
Protection Classifications
Assembly
10094158 45
10094158 85
30.80 (10 feet)
30.80 (10 feet)
Included in delivery
Individual system components including assembly
material.
4949 Maximum Weight:
3.3 ft. 4.9 ft.
112
67
lbf.
lbf.=Pounds Force



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com