Electronic Components Datasheet Search
  English  ▼

X  

CS82C37A Datasheet(PDF) 1 Page - Harris Corporation

Part # CS82C37A
Description  CMOS High Performance Programmable DMA Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CS82C37A Datasheet(HTML) 1 Page - Harris Corporation

  CS82C37A Datasheet HTML 1Page - Harris Corporation CS82C37A Datasheet HTML 2Page - Harris Corporation CS82C37A Datasheet HTML 3Page - Harris Corporation CS82C37A Datasheet HTML 4Page - Harris Corporation CS82C37A Datasheet HTML 5Page - Harris Corporation CS82C37A Datasheet HTML 6Page - Harris Corporation CS82C37A Datasheet HTML 7Page - Harris Corporation CS82C37A Datasheet HTML 8Page - Harris Corporation CS82C37A Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SEMICONDUCT OR
4-192
March 1997
82C37A
CMOS High Performance
Programmable DMA Controller
Features
• Compatible with the NMOS 8237A
• Four Independent Maskable Channels with Autoinitial-
ization Capability
• Cascadable to any Number of Channels
• High Speed Data Transfers:
- Up to 4MBytes/sec with 8MHz Clock
- Up to 6.25MBytes/sec with 12.5MHz Clock
• Memory-to-Memory Transfers
• Static CMOS Design Permits Low Power Operation
- ICCSB = 10
µA Maximum
- ICCOP = 2mA/MHz Maximum
• Fully TTL/CMOS Compatible
• Internal Registers may be Read from Software
Description
The 82C37A is an enhanced version of the industry standard
8237A Direct Memory Access (DMA) controller, fabricated
using Harris’ advanced 2 micron CMOS process. Pin
compatible
with
NMOS
designs,
the
82C37A
offers
increased
functionality,
improved
performance,
and
dramatically reduced power consumption. The fully static
design permits gated clock operation for even further
reduction of power.
The 82C37A controller can improve system performance by
allowing external devices to transfer data directly to or from
system memory. Memory-to-memory transfer capability is
also provided, along with a memory block initialization fea-
ture. DMA requests may be generated by either hardware or
software, and each channel is independently programmable
with a variety of features for flexible operation.
The 82C37A is designed to be used with an external
address latch, such as the 82C82, to demultiplex the most
significant 8-bits of address. The 82C37A can be used with
industry standard microprocessors such as 80C286, 80286,
80C86, 80C88, 8086, 8088, 8085, Z80, NSC800, 80186 and
others. Multimode programmability allows the user to select
from three basic types of DMA services, and reconfiguration
under program control is possible even with the clock to the
controller stopped. Each channel has a full 64K address and
word count range, and may be programmed to autoinitialize
these registers following DMA termination (end of process).
Ordering Information
PART NUMBER
PACKAGE
TEMPERATURE
RANGE
PKG. NO.
5MHz
8MHz
12.5MHz
CP82C37A-5
CP82C37A
CP82C37A-12
40 Ld PDIP
0oC to +70oC
E40.6
IP82C37A-5
IP82C37A
IP82C37A-12
-40oC to +85oC
E40.6
CS82C37A-5
CS82C37A
CS82C37A-12
44 Ld PLCC
0oC to +70oC
N44.65
IS82C37A-5
IS82C37A
IS82C37A-12
-40oC to +85oC
N44.65
CD82C37A-5
CD82C37A
CD82C37A-12
40 Ld CERDIP
0oC to +70oC
F40.6
ID82C37A-5
ID82C37A
ID82C37A-12
-40oC to +85oC
F40.6
MD82C37A-5/B
MD82C37A/B
MD82C37A-12/B
-55oC to +125oC
F40.6
5962-9054301MQA
5962-9054302MQA
5962-9054303MQA
SMD#
F40.6
MR82C37A-5/B
MR82C37A/B
MR82C37A-12/B
44 Pad CLCC
-55oC to +125oC
J44.A
5962-9054301MXA
5962-9054302MXA
5962-9054303MXA
SMD#
J44.A
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
2967.1


Similar Part No. - CS82C37A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C37A INTERSIL-CS82C37A Datasheet
148Kb / 23P
CMOS High Performance Programmable DMA Controller
March 1997
CS82C37A INTERSIL-CS82C37A Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
CS82C37A-12 INTERSIL-CS82C37A-12 Datasheet
148Kb / 23P
CMOS High Performance Programmable DMA Controller
March 1997
CS82C37A-12 INTERSIL-CS82C37A-12 Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
CS82C37A-1296 INTERSIL-CS82C37A-1296 Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
More results

Similar Description - CS82C37A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
CMOS High Performance Programmable DMA Controller
March 1997
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 1995
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
PROGRAMMABLE DMA CONTROLLER
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com