Electronic Components Datasheet Search
  English  ▼

X  

CS82C37A Datasheet(PDF) 16 Page - Harris Corporation

Part # CS82C37A
Description  CMOS High Performance Programmable DMA Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CS82C37A Datasheet(HTML) 16 Page - Harris Corporation

Back Button CS82C37A Datasheet HTML 12Page - Harris Corporation CS82C37A Datasheet HTML 13Page - Harris Corporation CS82C37A Datasheet HTML 14Page - Harris Corporation CS82C37A Datasheet HTML 15Page - Harris Corporation CS82C37A Datasheet HTML 16Page - Harris Corporation CS82C37A Datasheet HTML 17Page - Harris Corporation CS82C37A Datasheet HTML 18Page - Harris Corporation CS82C37A Datasheet HTML 19Page - Harris Corporation CS82C37A Datasheet HTML 20Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
4-207
82C37A
(21)TEPW
EOP Pulse Width
220
-
135
-
50
-
ns
(22)TFAAB
ADR Valid Delay from CLK HIGH
-
110
-
60
-
50
ns
(23)TFAC
READ or WRITE Active from
CLK HIGH
-
150
-
90
-
50
ns
(24)TFADB
DB Valid Delay from CLK HIGH
-
110
-
60
-
45
ns
(25)THS
HLDA Valid to CLK HIGH Setup Time
75
-
45
-
10
-
ns
(26)TIDH
Input Data from MEMR HIGH
Hold Time
0-
0-0-
ns
(27)TIDS
Input Data to MEMR HIGH
Setup Time
155
-
90
-
45
-
ns
(28)TODH
Output Data from MEMW HIGH
Hold Time
15
-
15
-
TCY-50
-
ns
(29)TODV
Output Data Valid to MEMW HIGH
TCY-35
-
TCY-35
-
TCY-10
-
ns
(30)TQS
DREQ to CLK LOW (SI, S4)
Setup Time
0-
0-0-
ns
(31)TRH
CLK to READY LOW Hold Time
20
-
20
-
10
-
ns
(32)TRS
READY to CLK LOW Setup Time
60
-
35
-
15
-
ns
(33)TCLSH
ADSTB HIGH from CLK LOW
Delay Time
-80
-
70
-70
ns
(34)TCLSL
ADSTB LOW from CLK LOW
Delay Time
-
120
-
120
-
60
ns
(35)TWRRD
READ HIGH Delay from WRITE HIGH
0
-
0
-
5
-
ns
(36)TRLRH
READ Pulse Width, Normal Timing
2TCY-60
-
2TCY-60
-
2TCY-55
-
ns
(37)TSHSL
ADSTB Pulse Width
TCY-80
-
TCY-50
-
TCY-35
-
ns
(38)TWLWHA
Extended WRITE Pulse Width
2TCY-100
-
2TCY-85
-
2TCY-80
-
ns
(39)TWLWH
WRITE Pulse Width
TCY-100
-
TCY-85
-
TCY-80
-
ns
(40)TRLRHC
READ Pulse Width, Compressed
TCY-60
-
TCY-60
-
TCY-55
-
ns
(56)TAVRL
ADR Valid to READ LOW
17
-
17
-
17
-
ns
(57)TAVWL
ADR Valid to WRITE LOW
7
-
7
-
7
-
ns
(58)TRHAL
READ HIGH to AEN LOW
15
-
15
-
15
-
ns
(59)TRHSH
READ HIGH to ADSTB HIGH
13
-
13
-
13
-
ns
(60)TWHSH
WRITE HIGH to ADSTB HIGH
15
-
15
-
15
-
ns
(61)TDVRL
DACK Valid to READ LOW
25
-
25
-
25
-
ns
AC Electrical Specifications
VCC = +5.0V ±10%, GND = 0V, TA = 0
oC to +70oC (C82C37A),
TA = -40
oC to +85oC (I82C37A),
TA = -55
oC to +125oC (M82C37A) (Continued)
SYMBOL
PARAMETER
82C37A-5
82C37A
82C37A-12
UNITS
MIN
MAX
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com