Electronic Components Datasheet Search
  English  ▼

X  

CS82C37A Datasheet(PDF) 17 Page - Harris Corporation

Part # CS82C37A
Description  CMOS High Performance Programmable DMA Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CS82C37A Datasheet(HTML) 17 Page - Harris Corporation

Back Button CS82C37A Datasheet HTML 13Page - Harris Corporation CS82C37A Datasheet HTML 14Page - Harris Corporation CS82C37A Datasheet HTML 15Page - Harris Corporation CS82C37A Datasheet HTML 16Page - Harris Corporation CS82C37A Datasheet HTML 17Page - Harris Corporation CS82C37A Datasheet HTML 18Page - Harris Corporation CS82C37A Datasheet HTML 19Page - Harris Corporation CS82C37A Datasheet HTML 20Page - Harris Corporation CS82C37A Datasheet HTML 21Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
4-208
82C37A
(62)TDVWL
DACK Valid to WRITE LOW
25
-
25
-
25
-
ns
(63)TRHDI
READ HIGH to DACK Inactive
12
-
12
-
12
-
ns
(64)TAZRL
ADR Float to READ LOW
-2.5
-
-2.5
-
-2.5
-
ns
PERIPHERAL (SLAVE) MODE
(41)TAR
ADR Valid or CS LOW to READ LOW
10
-
10
-
0
-
ns
(42)TAWL
ADR Valid to WRITE LOW Setup Time
0
-
0
-
0
-
ns
(43)TCWL
CS LOW to WRITE LOW Setup Time
0
-
0
-
0
-
ns
(44)TDW
Data Valid to WRITE HIGH Setup Time
150
-
100
-
60
-
ns
(45)TRA
ADR or CS Hold from READ HIGH
0
-
0
-
0
-
ns
(46)TRDE
Data Access from READ
-
140
-
120
-
80
ns
(47)TRDF
DB Float Delay from READ HIGH
5
85
5
85
5
55
ns
(48)TRSTD
Power Supply HIGH to RESET LOW
Setup Time
500
-
500
-
500
-
ns
(49)TRSTS
RESET to First IOR or IOW
2TCY
-
2TCY
-
2TCY
-
ns
(50)TRSTW
RESET Pulse Width
300
-
300
-
300
-
ns
(51)TRW
READ Pulse Width
200
-
155
-
85
-
ns
(52)TWA
ADR from WRITE HIGH Hold Time
0
-
0
-
0
-
ns
(53)TWC
CS HIGH from WRITE HIGH
Hold Time
0-
0-0-
ns
(54)TWD
Data from WRITE HIGH Hold Time
10
-
10
-
10
-
ns
(55)TWWS
WRITE Pulse Width
150
-
100
-
45
-
ns
AC Electrical Specifications
VCC = +5.0V ±10%, GND = 0V, TA = 0
oC to +70oC (C82C37A),
TA = -40
oC to +85oC (I82C37A),
TA = -55
oC to +125oC (M82C37A) (Continued)
SYMBOL
PARAMETER
82C37A-5
82C37A
82C37A-12
UNITS
MIN
MAX
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com