Electronic Components Datasheet Search
  English  ▼

X  

CS82C37A Datasheet(PDF) 12 Page - Harris Corporation

Part # CS82C37A
Description  CMOS High Performance Programmable DMA Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CS82C37A Datasheet(HTML) 12 Page - Harris Corporation

Back Button CS82C37A Datasheet HTML 8Page - Harris Corporation CS82C37A Datasheet HTML 9Page - Harris Corporation CS82C37A Datasheet HTML 10Page - Harris Corporation CS82C37A Datasheet HTML 11Page - Harris Corporation CS82C37A Datasheet HTML 12Page - Harris Corporation CS82C37A Datasheet HTML 13Page - Harris Corporation CS82C37A Datasheet HTML 14Page - Harris Corporation CS82C37A Datasheet HTML 15Page - Harris Corporation CS82C37A Datasheet HTML 16Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
4-203
82C37A
Application Information
Figure 6 shows an application for a DMA system utilizing the
82C37A DMA controller and the 80C88 Microprocessor. In
this application, the 82C37A DMA controller is used to
improve system performance by allowing an I/O device to
transfer data directly to or from system memory.
Components
The system clock is generated by the 82C84A clock driver
and is inverted to meet the clock high and low times required
by the 82C37A DMA controller. The four OR gates are used
to support the 80C88 Microprocessor in minimum mode by
producing the control signals used by the processor to
access memory or I/O. A decoder is used to generate chip
select for the DMA controller and memory. The most signifi-
cant bits of the address are output on the address/data bus.
Therefore, the 82C82 octal latch is used to demultiplex the
address. Hold Acknowledge (HLDA) and Address Enable
(AEN) are “ORed” together to insure that the DMA controller
does not have bus contention with the microprocessor.
Operation
A DMA request (DREQ) is generated by the I/O device. After
receiving the DMA request, the DMA controller will issue a
Hold request (HRQ) to the processor. The system busses
are not released to the DMA controller until a Hold Acknowl-
edge signal is returned to the DMA controller from the
80C88 processor. After the Hold Acknowledge has been
received, addresses and control signals are generated by
the DMA controller to accomplish the DMA transfers. Data is
transferred directly from the I/O device to memory (or vice
versa) with IOR and MEMW (or MEMR and IOW) being
active. Note that data is not read into or driven out of the
DMA controller in I/O-to-memory or memory-to-I/O data
transfers.
FIGURE 6. APPLICATION FOR DMA SYSTEM
MEMR
MEMW
IOR
IOW
MEMCS
MEMR
MEMW
MEMORY
47k
Ω
VCC
ADDRESS BUS
DATA BUS
VCC
DATA BUS
80C88
WR
RD
M/IO
HRQ
HLDA
AX
ALE
AD0
AD7
MN/MX
CLK
82C84A
OR
82C85
HLDA
MEMCS
STB
82C82
OE
DECODER
ADDRESS BUS
STB
82C82
OE
A0-7
CS
CLK
EOP
HLDA
IOR
DACK
ADSTB
AEN
DB0-7
IOW
MEMR
MEMW
HRQ
DREQ0
82C37A
IOR
IOW
VCC
CS
DREQ
I/O
DEVICE
NOTE:
The address lines need pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com