Electronic Components Datasheet Search
  English  ▼

X  

DAC6574 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6574
Description  QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6574 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC6574 Datasheet HTML 10Page - Texas Instruments DAC6574 Datasheet HTML 11Page - Texas Instruments DAC6574 Datasheet HTML 12Page - Texas Instruments DAC6574 Datasheet HTML 13Page - Texas Instruments DAC6574 Datasheet HTML 14Page - Texas Instruments DAC6574 Datasheet HTML 15Page - Texas Instruments DAC6574 Datasheet HTML 16Page - Texas Instruments DAC6574 Datasheet HTML 17Page - Texas Instruments DAC6574 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
www.ti.com
DAC6574 I
2C Update Sequence
Address Byte
Broadcast Address Byte
DAC6574
SLAS408 – DECEMBER 2003
The DAC6574 requires a start condition, a valid I
2C address, a control byte, an MSB byte, and an LSB byte for a
single update. After the receipt of each byte, DAC6574 acknowledges by pulling the SDA line low during the high
period of a single clock pulse. A valid I
2C address selects the DAC6574. The control byte sets the operational
mode of the selected DAC6574. Once the operational mode is selected by the control byte, DAC6574 expects an
MSB byte followed by an LSB byte for data update to occur. DAC6574 performs an update on the falling edge of
the acknowledge signal that follows the LSB byte.
Control byte needs not to be resent until a change in operational mode is required. The bits of the control byte
continuously determine the type of update performed. Thus, for the first update, DAC6574 requires a start
condition, a valid I
2C address, a control byte, an MSB byte and an LSB byte. For all consecutive updates,
DAC6574 needs an MSB byte and an LSB byte as long as the control command remains the same.
Using the I
2C high-speed mode (f
scl= 3.4 MHz), the clock running at 3.4 MHz, each 10-bit DAC update other than
the first update can be done within 18 clock cycles (MSB byte, acknowledge signal, LSB byte, acknowledge
signal), at 188.88 KSPS. Using the fast mode (fscl= 400 kHz), clock running at 400 kHz, maximum DAC update
rate is limited to 22.22 KSPS. Once a stop condition is received DAC6574 releases the I
2C bus and awaits a new
start condition.
MSB
LSB
1
0
0
1
1
A1
A0
R/W
The address byte is the first byte received following the START condition from the master device. The first five
bits (MSBs) of the address are factory preset to 10011. The next two bits of the address are the device select
bits A1 and A0. The A1, A0 address inputs can be connected to VDD or digital GND, or can be actively driven by
TTL/CMOS logic levels. The device address is set by the state of these pins during the power-up sequence of
the DAC6574. Up to 4 devices (DAC6574) can still be connected to the same I
2C-Bus.
MSB
LSB
1
0
0
1
0
0
0
0
Broadcast addressing is also supported by DAC6574. Broadcast addressing can be used for synchronously
updating or powering down multiple DAC6574 devices. DAC6574 is designed to work with other members of the
DAC857x and DAC757x families to support multichannel synchronous update. Using the broadcast address,
DAC6574 responds regardless of the states of the address pins. Broadcast is supported only in write mode
(Master writes to DAC6574).
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com