Electronic Components Datasheet Search
  English  ▼

X  

DAC6574 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6574
Description  QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6574 Datasheet(HTML) 3 Page - Texas Instruments

  DAC6574 Datasheet HTML 1Page - Texas Instruments DAC6574 Datasheet HTML 2Page - Texas Instruments DAC6574 Datasheet HTML 3Page - Texas Instruments DAC6574 Datasheet HTML 4Page - Texas Instruments DAC6574 Datasheet HTML 5Page - Texas Instruments DAC6574 Datasheet HTML 6Page - Texas Instruments DAC6574 Datasheet HTML 7Page - Texas Instruments DAC6574 Datasheet HTML 8Page - Texas Instruments DAC6574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC6574
SLAS408 – DECEMBER 2003
V
DD = 2.7 V to 5.5 V, RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications -40°C to +105°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE(1)
Resolution
10
Bits
Relative accuracy
±0.5
±2
LSB
Differential nonlinearity
Specified monotonic by design
±0.1
±0.5
LSB
Zero-scale error
5
20
mV
Full-scale error
-0.15
±1.0
% of FSR
Gain error
±1.0
% of FSR
Zero code error drift
±7
µV/
°C
Gain temperature coefficient
± 3
ppm of
FSR/
°C
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VDD
V
Output voltage settling time (full scale)
RL = ∞; 0 pF < CL < 200 pF
7
9
µs
RL = ∞ ; CL = 500 pF
12
µs
Slew rate
1
V/µs
dc crosstalk (channel-to-channel)
0.01
LSB
ac crosstalk (channel-to-channel)
1 kHz Sine Wave
-100
dB
Capacitive load stability
RL= ∞
470
pF
RL= 2 kΩ
1000
pF
Digital-to-analog glitch impulse
1 LSB change around major carry
12
nV-s
Digital feedthrough
0.3
nV-s
DC output impedance
1
Ω
Short-circuit current
VDD= 5 V
50
mA
VDD= 3 V
20
mA
Power-up time
Coming out of power-down mode,
2.5
µs
VDD= +5 V
Coming out of power-down mode,
5
µs
VDD= +3 V
LOGIC INPUTS (2)
Input current
±1
µA
VIN_L, Input low voltage
0.3xVDD
V
VIN_H, Input high voltage
VDD= 3 V
0.7xVDD
V
Pin Capacitance
3
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD(normal operation), including reference current
Excluding load current
IDD@ VDD=+3.6V to +5.5V
VIH= VDD and VIL=GND
600
900
µA
IDD@ VDD =+2.7V to +3.6V
VIH= VDD and VIL=GND
500
750
µA
IDD (all power-down modes)
IDD@ VDD=+3.6V to +5.5V
VIH= VDD and VIL=GND
0.2
1
µA
IDD@ VDD =+2.7V to +3.6V
VIH= VDD and VIL=GND
0.05
1
µA
POWER EFFICIENCY
IOUT/IDD
ILOAD= 2 mA, VDD= +5 V
93%
TEMPERATURE RANGE
Specified performance
-40
+105
°C
(1)
Linearity tested using a reduced code range of 12 to 1012; output unloaded.
(2)
Specified by design and characterization, not production tested.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com