Electronic Components Datasheet Search
  English  ▼

X  

DAC6574 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6574
Description  QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6574 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC6574 Datasheet HTML 19Page - Texas Instruments DAC6574 Datasheet HTML 20Page - Texas Instruments DAC6574 Datasheet HTML 21Page - Texas Instruments DAC6574 Datasheet HTML 22Page - Texas Instruments DAC6574 Datasheet HTML 23Page - Texas Instruments DAC6574 Datasheet HTML 24Page - Texas Instruments DAC6574 Datasheet HTML 25Page - Texas Instruments DAC6574 Datasheet HTML 26Page - Texas Instruments DAC6574 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
www.ti.com
Master Receiver Reading From a Slave Transmitter (DAC6574) in HS-Mode
Power-On Reset
Power-Down Modes
DAC6574
SLAS408 – DECEMBER 2003
When reading data to the DAC6574 in HS-MODE, the master begins to transmit, what is called the HS-Master
Code (0000 1XXX) in F/S-mode. No device is allowed to acknowledge the HS-Master Code, so the HS-Master
Code is followed by a NOT acknowledge.
The Master then switches to HS-mode and issues a REPEATED START condition, followed by the address byte
(with R/W = 0) after which the DAC6574 acknowledges by pulling SDA low. This address byte is usually followed
by the control byte, which is also acknowledged by the DAC6574.
Then there is a REPEATED START condition initiated by the master and the address is resent with (R/W = 1).
This is acknowledged by the DAC6574, indicating that it is prepared to transmit data. Two or Three bytes of data
are then read back from the DAC6574, depending on the (PD0-Bit). The value of Buff-Sel1 and Buff-Sel0
determines, which channel data is read back. A STOP condition follows.
With the (PD0-Bit = 0) the DAC6574 transmits 2 bytes of data, HIGH-BYTE followed by LOW-BYTE (refer to
Table 7 HS-Mode Readback Sequence).
With the (PD0-Bit = 1) the DAC6574 transmits 3 bytes of data, POWER-DOWN-BYTE followed by the
HIGH-BYTE followed by the LOW-BYTE (refer to Table 7 HS-Mode Readback Sequence).
Table 7. Master Receiver Reading Slave Transmitter (DAC6574) in HS-Mode
HS MODE READBACK SEQUENCE
Transmitter
MSB
6
5
4
3
2
1
LSB
Comment
Master
Start
Begin sequence
Master
0
0
0
0
1
X
X
X
HS Mode Master Code
No device may acknowledge HS
NONE
Not Acknowledge
master code
Master
Repeated Start
Master
1
0
0
1
1
A1
A0
R/W
Write addressing (R/W=0)
DAC6574
DAC6574 Acknowledges
Master
0
0
Load 1
Load 0
X
Buff Sel 1
Buff Sel 0
PD0
Control byte (PD0 = 1)
DAC6574
DAC6574 Acknowledges
Master
Repeated Start
Master
1
0
0
1
1
A1
A0
R/W
Read addressing (R/W=1)
DAC6574
DAC6574 Acknowledges
DAC6574
PD1
PD2
1
1
1
1
1
1
Power-down byte
Master
Master Acknowledges
DAC6574
D9
D8
D7
D6
D5
D4
D3
D2
Reading data word, high byte
Master
Master Acknowledges
DAC6574
D1
D0
x
x
x
x
x
x
Reading data word, low byte
Master
Master Not Acknowledges
Master signal end of read
Master
Stop or Repeated Start
Done
The DAC6574 contains a power-on-reset circuit that controls the output voltage during power up. On power up,
the DAC register is filled with zeros and the output voltage is 0 V; it remains there until a valid write sequence is
made to the DAC. This is useful in applications where it is important to know the state of the output of the DAC
while it is in the process of powering up. No device pin should be brought high before supply is applied.
The DAC6574 contains four separate power-down modes of operation. The modes are programmable via two
most significant bits of the MSB byte, while (CTRL[0] = PD0 = 1). Table 8 shows how the state of these bits
correspond to the mode of operation of the device.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com