Electronic Components Datasheet Search
  English  ▼

X  

DAC6574 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6574
Description  QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6574 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC6574 Datasheet HTML 22Page - Texas Instruments DAC6574 Datasheet HTML 23Page - Texas Instruments DAC6574 Datasheet HTML 24Page - Texas Instruments DAC6574 Datasheet HTML 25Page - Texas Instruments DAC6574 Datasheet HTML 26Page - Texas Instruments DAC6574 Datasheet HTML 27Page - Texas Instruments DAC6574 Datasheet HTML 28Page - Texas Instruments DAC6574 Datasheet HTML 29Page - Texas Instruments DAC6574 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
www.ti.com
APPLICATION INFORMATION
BASIC CONNNECTIONS
4
5
1
2
3
6
8
7
10
9
DAC6574
VOUTA
VOUTB
VDD
VOUTC
GND
VOUTD
A1
A0
SDA
SCL
SDA
SCL
I2C Pullup Resistors
1 k
Ω to 10 kΩ (typical)
VDD
Microcontroller or
Microprocessor With
I2C Port
NOTE: DAC6574 power and input/output connections are omitted for clarity, except I2C Inputs.
USING GPIO PORTS FOR I
2C
DAC6574
SLAS408 – DECEMBER 2003
The following sections give example circuits and tips for using the DAC6574 in various applications. For more
information, contact your local TI representative, or visit the Texas Instruments website at http://www.ti.com.
For many applications, connecting the DAC6574 is extremely simple. A basic connection diagram for the
DAC6574 is shown in Figure 38. The 0.1 µF bypass capacitors help provide the momentary bursts of extra
current needed from the supplies.
Figure 38. Typical DAC6574 Connections
The DAC6574 interfaces directly to standard mode, fast mode and high-speed mode I
2C controllers. Any
microcontroller's I
2C peripheral, including master-only and non-multiple-master I2C peripherals, work with the
DAC6574. The DAC6574 does not perform clock-stretching (i.e., it never pulls the clock line low), so it is not
necessary to provide for this unless other devices are on the same I
2C bus.
Pullup resistors are necessary on both the SDA and SCL lines because I
2C bus drivers are open-drain. The size
of the these resistors depend on the bus operating speed and capacitance on the bus lines. Higher-value
resistors consume less power, but increase the transition times on the bus, limiting the bus speed. Lower-value
resistors allow higher speed at the expense of higher power consumption. Long bus lines have higher
capacitance and require smaller pullup resistors to compensate. If the pullup resistors are too small the bus
drivers may not be able to pull the bus line low.
Most microcontrollers have programmable input/output pins that can be set in software to act as inputs or
outputs. If an I
2C controller is not available, the DAC6574 can be connected to GPIO pins, and the I2C bus
protocol simulated, or bit-banged, in software. An example of this for a single DAC6574 is shown in Figure 39.
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com