Electronic Components Datasheet Search
  English  ▼

X  

MAX5491 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5491
Description  Precision-Matched Resistor-Divider in SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5491 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5491 Datasheet HTML 1Page - Maxim Integrated Products MAX5491 Datasheet HTML 2Page - Maxim Integrated Products MAX5491 Datasheet HTML 3Page - Maxim Integrated Products MAX5491 Datasheet HTML 4Page - Maxim Integrated Products MAX5491 Datasheet HTML 5Page - Maxim Integrated Products MAX5491 Datasheet HTML 6Page - Maxim Integrated Products MAX5491 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Precision-Matched Resistor-Divider in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Between P1 and P2...................................................50V
Continuous Current into Any Pin....................................±1.75mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23 (derate 7.1mW/°C above +70°C).........571.4mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX5491_A, TA = +25°C
±0.035
MAX5491_B, TA = +25°C
±0.05
Initial Resistor Ratio Error (Note 2)
MAX5491_C, TA = +25°C
±0.1
%
1:1
≤ ratio ≤ 3.2:1
2
3.2:1 < ratio
≤ 10:1
4
Resistance-Ratio Temperature
Coefficient (Note 3)
10:1 < ratio
≤ 30:1
5.5
ppm/°C
Absolute Temperature Coefficient
of Resistance
TCR
(Note 4)
35
ppm/°C
Voltage Coefficient of Resistance
VCR
(Note 5)
0.1
ppm/V
End-to-End Resistance (R1 + R2)
28.5
30
31.5
k
Ω
Continuous Current
IR1, IR2
±1.75
mA
Continuous Working Voltage
Between P1 and P2
VP1-P2
050
V
Power Rating
87.5
mW
Pin Capacitance
2pF
Resistance Ratio Long-Term
Stability
2000hr at +70°C
±0.03
%
Note 1: The MAX5491 is 100% production tested at TA = +25°C. Specifications over -40°C to +85°C are guaranteed by design.
Note 2: Testing conditions: TA = +25°C, VP1-P2 = 9V and 50V.
Note 3: Resistance-ratio temperature coefficient is defined as
Note 4: Absolute TCR is defined as
and is tested at 9V and 50V.
Note 5: Resistance-ratio voltage coefficient is defined as
∆
∆
R
R
R
R
T
1
2
1
2
⎛
⎝⎜
⎞
⎠⎟
×
∆
∆
R
R
R
R
V
1
2
1
2
⎛
⎝⎜
⎞
⎠⎟
×
∆
∆
RR
RR
T
12
12
+
()
+
() ×



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com