Electronic Components Datasheet Search
  English  ▼

X  

MAX5491 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5491
Description  Precision-Matched Resistor-Divider in SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5491 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5491 Datasheet HTML 1Page - Maxim Integrated Products MAX5491 Datasheet HTML 2Page - Maxim Integrated Products MAX5491 Datasheet HTML 3Page - Maxim Integrated Products MAX5491 Datasheet HTML 4Page - Maxim Integrated Products MAX5491 Datasheet HTML 5Page - Maxim Integrated Products MAX5491 Datasheet HTML 6Page - Maxim Integrated Products MAX5491 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Precision-Matched Resistor-Divider in SOT23
_______________________________________________________________________________________
3
NORMALIZED RESISTOR-RATIO DRIFT
vs. TEMPERATURE
TEMPERATURE (
°C)
75
50
-25
0
25
-300
-200
-100
0
100
200
300
400
-400
-50
100
VP1-P2 = 10V
RATIO = 1:1
NORMALIZED RESISTOR-RATIO DRIFT
vs. TEMPERATURE
TEMPERATURE (
°C)
75
50
-25
0
25
-300
-200
-100
0
100
200
300
400
-400
-50
100
VP1-P2 = 10V
RATIO = 5:1
Typical Operating Characteristics
(VP1-P2 = 10V, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1P1
R1 Connection Terminal
2P2
R2 Connection Terminal
3
P3
Midpoint Between R1 and R2 Connection Terminals
Detailed Description
As shown in the Block Diagram, the MAX5491 consists
of two precision, low-ratio-drift resistors with an end-to-
end resistance of 30k
Ω (R1 + R2). P3 is the center tap
of the divider. The maximum working voltage of the
MAX5491 is 50V. This device offers a wide range of
resistance ratios (R1/R2) from 1:1 to 30:1 and is ideally
suited for precision operational amplifier gain/attenua-
tion control. The MAX5491 features a ±2kV ESD protec-
tion that enhances system robustness. A maximum
initial ratio accuracy of 0.035% and a low 2ppm/
°C ratio
drift enhance system accuracy.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com