Electronic Components Datasheet Search
  English  ▼

X  

MAX5491 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5491
Description  Precision-Matched Resistor-Divider in SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5491 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5491 Datasheet HTML 1Page - Maxim Integrated Products MAX5491 Datasheet HTML 2Page - Maxim Integrated Products MAX5491 Datasheet HTML 3Page - Maxim Integrated Products MAX5491 Datasheet HTML 4Page - Maxim Integrated Products MAX5491 Datasheet HTML 5Page - Maxim Integrated Products MAX5491 Datasheet HTML 6Page - Maxim Integrated Products MAX5491 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Applications Information
Self-Heating and Error
Applying a voltage across terminals P1 and P2 causes
the device to heat up due to power dissipation. In high-
voltage applications, consider the error in resistance-
ratio temperature coefficient caused by self-heating.
The worst-case self-heating occurs when the operating
voltage attains its maximum value. Approximate the
result of power dissipation under this condition as:
The thermal resistance from junction to ambient,
θJ-A,
for a 3-pin SOT23 package is 141°C/W. Calculate the
resulting temperature rise as:
∆T = 83.3mW x 141°C/W = 11.7°C
If the ratio temperature coefficient is 2ppm/°C (typ), the
total error introduced by self-heating is:
11.7
°C x 2ppm/°C = 23.4ppm
P
V
R
V
k
mW
DISS
MAX
.
= ()
= ()
=
22
50
30
83 3
Ω
Precision-Matched Resistor-Divider in SOT23
4
_______________________________________________________________________________________
IN
P1
P2
P3
MAX5491
R2
R1
OUT
Figure 3. Buffered Attenuator
MAX5491
R2
R1
P1
P2
P3
IN
OUT
Figure 1. Inverting Amplifier Configuration
P1
P2
P3
MAX5491
R2
R1
OUT
IN
Figure 4. Attenuator with Buffer
MAX5491
R2
R1
P1
P2
P3
IN
OUT
Figure 2. Noninverting Amplifier Configuration
A
V
V
R
R
OUT
IN
== − 1
2
A
V
V
R
R
OUT
IN
==
+
1
1
2
A
V
V
R
RR
OUT
IN
==
+
2
12
A
V
V
R
RR
OUT
IN
==
+
2
12
Typical Applications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com