Electronic Components Datasheet Search
  English  ▼

X  

MAX5491 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5491
Description  Precision-Matched Resistor-Divider in SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5491 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5491 Datasheet HTML 1Page - Maxim Integrated Products MAX5491 Datasheet HTML 2Page - Maxim Integrated Products MAX5491 Datasheet HTML 3Page - Maxim Integrated Products MAX5491 Datasheet HTML 4Page - Maxim Integrated Products MAX5491 Datasheet HTML 5Page - Maxim Integrated Products MAX5491 Datasheet HTML 6Page - Maxim Integrated Products MAX5491 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Example Part Numbers
Precision-Matched Resistor-Divider in SOT23
_______________________________________________________________________________________
5
PREFIX
MAX
5491
V
A
10000
-T
ROOT PART NUMBER
MAX5491 = 30k
Ω End-to-End
RATIO RANGE
L through W. Resistor ratio must fall in the appropriate
ratio range. (See Table 2.)
RATIO ACCURACY
A = 0.035% (max); B = 0.05% (max); C = 0.1% (max)
RESISTANCE RATIO
Five number ratio designator. Ratios available from 1:1 to 30:1.
Format examples:
010000 = 1:1
02500 = 2.5:1
07538 = 7.538:1
25000 = 25:1
TAPE AND REEL
How to Order
PART
RESISTOR-RATIO RANGE
RESISTOR-RATIO
ACCURACY (% MAX)
RESISTOR RATIO
MAX5491RA02500-T
2.000 to 2.899
0.035
2.5:1
MAX5491VC10000-T
10.000 to 15.999
0.100
10:1
MAX5491SB03200-T
2.900 to 3.999
0.050
3.2:1
MAX5491UA07538-T
6.000 to 9.999
0.035
7.538:1
Table 1. Standard Ratios*
PART
RESISTOR RATIO
RESISTOR-RATIO
SUFFIX
RESISTOR-RATIO
ACCURACY (% MAX)
TOP MARK
MAX5491LA01000-T
1:1
01000
0.035
FZPD
MAX5491LB01000-T
1:1
01000
0.050
FZPE
MAX5491LC01000-T
1:1
01000
0.100
FZPF
MAX5491MA01100-T
1.1:1
01100
0.035
FZPA
MAX5491MB01100-T
1.1:1
01100
0.050
FZPB
MAX5491MC01100-T
1.1:1
01100
0.100
FZPC
MAX5491NA01500-T
1.5:1
01500
0.035
FZOX
MAX5491NB01500-T
1.5:1
01500
0.050
FZOY
MAX5491NC01500-T
1.5:1
01500
0.100
FZOZ
MAX5491PA02000-T
2:1
02000
0.035
FZOO
MAX5491PB02000-T
2:1
02000
0.050
FZOP
MAX5491PC02000-T
2:1
02000
0.100
FZOQ
MAX5491RA02500-T
2.5:1
02500
0.035
FZPP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com