Electronic Components Datasheet Search
  English  ▼

X  

MAX7378 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7378
Description  Silicon Oscillator with Low-Power Frequency Switching and Reset Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7378 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7378 Datasheet HTML 1Page - Maxim Integrated Products MAX7378 Datasheet HTML 2Page - Maxim Integrated Products MAX7378 Datasheet HTML 3Page - Maxim Integrated Products MAX7378 Datasheet HTML 4Page - Maxim Integrated Products MAX7378 Datasheet HTML 5Page - Maxim Integrated Products MAX7378 Datasheet HTML 6Page - Maxim Integrated Products MAX7378 Datasheet HTML 7Page - Maxim Integrated Products MAX7378 Datasheet HTML 8Page - Maxim Integrated Products MAX7378 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Silicon Oscillator with Low-Power
Frequency Switching and Reset Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 5.5V, VL = VCC, TA = -40°C to +125
°C, unless otherwise noted. Typical values are at VCC = 5V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND .............................................................-0.3V to +6V
All Other Pins to GND ................................-0.3V to (VCC + 0.3V)
CLOCK Current ................................................................
±10mA
Continuous Power Dissipation (TA = +70
°C)
8-Pin µMAX (derate 4.5mW/
°C above +70°C)....362mW (U8-1)
Operating Temperature Range .........................-40
°C to +135°C
Junction Temperature .....................................................+150
°C
Storage Temperature Range.............................-60
°C to +150°C
Lead Temperature (soldering, 10s).................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VCC
2.7
5.5
V
Logic Output Supply Voltage
VL
Must be connected to VCC
2.7
5.5
V
ICC + IL
fCLOCK = 8MHz, no load
2.4
5.5
mA
Operating Supply Current
ICC + IL
fCLOCK = 32.768kHz, no load
11
25
µA
Shutdown Current
ISHDN
ENABLE = 0V; ICC + IL
3.0
7.5
µA
LOGIC INPUT (SPEED, ENABLE)
Input High Voltage
VIH
0.7 x
VCC
V
Input Low Voltage
VIL
0.3 x
VCC
V
Input Current
IIN
2µA
CLOCK OUTPUT
VL = 4.5V, ISOURCE = 9mA
VL -
0.4
Output High Voltage
VOH
VL = 2.7V, ISOURCE = 2.5mA
VL -
0.4
V
VL = 4.5V, ISINK = 20mA
0.4
Output Low Voltage
VOL
VL = 2.7V, ISINK = 10mA
0.4
V
VCC = 5V, TA = +25
°C (Note 2)
-2
+2
Initial Fast CLOCK Frequency
Accuracy
fFCLOCK
VCC = 2.7V to 5.5V, TA = +25°C
-4
+4
%
Fast CLOCK Frequency
Temperature Sensitivity
(Note 3)
±50
±325
ppm/
oC
VCC = 5V, TA = +25
°C
32.440
32.768
33.096
Initial Slow CLOCK Frequency
Accuracy
fSCLOCK
VCC = 2.7V to 5.5V, TA = +25°C
31.785
33.751
kHz
Slow CLOCK Frequency
Temperature Sensitivity
(Note 3)
±50
±325
ppm/
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com