Electronic Components Datasheet Search
  English  ▼

X  

MAX7378 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7378
Description  Silicon Oscillator with Low-Power Frequency Switching and Reset Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7378 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7378 Datasheet HTML 2Page - Maxim Integrated Products MAX7378 Datasheet HTML 3Page - Maxim Integrated Products MAX7378 Datasheet HTML 4Page - Maxim Integrated Products MAX7378 Datasheet HTML 5Page - Maxim Integrated Products MAX7378 Datasheet HTML 6Page - Maxim Integrated Products MAX7378 Datasheet HTML 7Page - Maxim Integrated Products MAX7378 Datasheet HTML 8Page - Maxim Integrated Products MAX7378 Datasheet HTML 9Page - Maxim Integrated Products MAX7378 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Silicon Oscillator with Low-Power
Frequency Switching and Reset Output
6
_______________________________________________________________________________________
Detailed Description
The MAX7378 is a dual-speed clock generator with
integrated reset for microcontrollers and UARTs in 3V,
3.3V, and 5V applications (Figure 1). The MAX7378 is a
replacement for two crystal-oscillator modules, crystals,
or ceramic resonators and a system-reset IC. The high-
speed clock frequency is factory trimmed to specific
values. A variety of popular standard frequencies are
available (Table 2). The low-speed clock frequency is
fixed at 32.768kHz (Figure 1). No external components
are required for setting or adjusting the frequency.
Supply Voltage
The MAX7378 has been designed for use in systems
with nominal supply voltages of 3V, 3.3V, or 5V and is
specified for operation with supply voltages in the 2.7V
to 5.5V range. See the Absolute Maximum Ratings sec-
tion for limit values of power-supply and pin voltages.
Oscillator
The clock output is a push-pull configuration and is
capable of driving a ground-connected 500
Ω or a posi-
tive-supply connected 250
Ω load to within 400mV of
either supply rail. The clock output remains stable over
the full operating voltage range and does not generate
short output cycles when switching between high- and
low-speed modes. A typical startup characteristic is
shown in the Typical Operating Characteristics.
Pin Description
PIN
NAME
FUNCTION
1VCC
Positive Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor.
2VL
Output Supply Voltage. Connect VL to VCC. Bypass VL to GND with a 0.1µF capacitor.
3
SPEED
Clock Speed-Select Input. Drive SPEED low to select the 32kHz fixed frequency. Drive SPEED high to
select factory-trimmed frequency.
4
RST
Reset Output. See the RST Reset Output Options section for more details.
5
CLOCK
Push-Pull Clock Output
6
GND
Ground
7
ENABLE
Active-High Clock Enable Input. See the ENABLE Input section for more details.
8N. C.
No Connect. No internal connection.
LOW-SPEED TO HIGH-SPEED
TRANSITION
MAX7378 toc19
CLOCK
SPEED
20
µs/div
LOW-SPEED TO HIGH-SPEED TRANSITION
(EXPANDED SCALE)
MAX7378 toc20
CLOCK
SPEED
400
µs/div
Typical Operating Characteristics (continued)
(VCC = VL = 5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com