Electronic Components Datasheet Search
  English  ▼

X  

MAX7378 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7378
Description  Silicon Oscillator with Low-Power Frequency Switching and Reset Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7378 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7378 Datasheet HTML 1Page - Maxim Integrated Products MAX7378 Datasheet HTML 2Page - Maxim Integrated Products MAX7378 Datasheet HTML 3Page - Maxim Integrated Products MAX7378 Datasheet HTML 4Page - Maxim Integrated Products MAX7378 Datasheet HTML 5Page - Maxim Integrated Products MAX7378 Datasheet HTML 6Page - Maxim Integrated Products MAX7378 Datasheet HTML 7Page - Maxim Integrated Products MAX7378 Datasheet HTML 8Page - Maxim Integrated Products MAX7378 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Operating Characteristics
(VCC = VL = 5V, TA = +25°C, unless otherwise noted.)
Silicon Oscillator with Low-Power
Frequency Switching and Reset Output
4
_______________________________________________________________________________________
DUTY CYCLE vs. TEMPERATURE
TEMPERATURE (
°C)
120
95
45
70
-5
20
-30
46
47
48
49
50
51
52
53
54
55
45
-55
CLOCK = 32kHz
DUTY CYCLE vs. TEMPERATURE
TEMPERATURE (
°C)
20
-5
-30
46
47
48
49
50
51
52
53
54
55
45
-55
45
70
95
120
CLOCK = 4MHz
DUTY CYCLE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
46
47
48
49
50
51
52
53
54
55
45
4.3
5.5
CLOCK = 32kHz
DUTY CYCLE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
46
47
48
49
50
51
52
53
54
55
45
4.3
5.5
CLOCK = 4MHz
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
120
95
45
70
-5
20
-30
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
-55
CLOCK = 32kHz
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
120
95
45
70
-5
20
-30
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
-55
CLOCK = 4 MHz
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
8
9
10
11
12
13
14
4.3
5.5
CLOCK = 32kHz
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
4.3
5.5
CLOCK = 4MHz
FREQUENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
30.5
31.0
31.5
32.0
32.5
33.0
33.5
34.0
34.5
35.0
30.0
4.3
5.5
CLOCK = 32kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com