Electronic Components Datasheet Search
  English  ▼

X  

MAX7378 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7378
Description  Silicon Oscillator with Low-Power Frequency Switching and Reset Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7378 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7378 Datasheet HTML 1Page - Maxim Integrated Products MAX7378 Datasheet HTML 2Page - Maxim Integrated Products MAX7378 Datasheet HTML 3Page - Maxim Integrated Products MAX7378 Datasheet HTML 4Page - Maxim Integrated Products MAX7378 Datasheet HTML 5Page - Maxim Integrated Products MAX7378 Datasheet HTML 6Page - Maxim Integrated Products MAX7378 Datasheet HTML 7Page - Maxim Integrated Products MAX7378 Datasheet HTML 8Page - Maxim Integrated Products MAX7378 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Silicon Oscillator with Low-Power
Frequency Switching and Reset Output
_______________________________________________________________________________________
5
FREQUENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
3.92
3.94
3.96
3.98
4.00
4.02
4.04
4.06
4.08
4.10
3.90
4.3
5.5
CLOCK = 4MHz
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
120
95
45
70
-5
20
-30
32.1
32.2
32.3
32.4
32.5
32.6
32.7
32.8
32.9
33.0
32.0
-55
CLOCK = 32kHz
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
120
95
45
70
-5
20
-30
3.92
3.94
3.96
3.98
4.00
4.02
4.04
4.06
4.08
4.10
3.90
-55
CLOCK = 4MHz
CLOCK OUTPUT WAVEFORM (CL = 10pF)
MAX7378 toc13
40ns/div
F = 4MHz, CL = 10pF
CLOCK OUTPUT WAVEFORM (CL = 50pF)
MAX7378 toc14
40ns/div
F = 4MHz, CL = 50pF
CLOCK OUTPUT WAVEFORM (CL = 100pF)
MAX7378 toc15
40ns/div
F = 4MHz, CL = 100pF
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD
RESET THRESHOLD OVERDRIVE (mV)
200
400
600
800
100
1000
10
01000
RESET = 4.29V
RESET OCCURS
ABOVE THE CURVE
HIGH-SPEED TO LOW-SPEED
TRANSITION
MAX7378 toc17
CLOCK
SPEED
20
µs/div
HIGH-SPEED TO LOW-SPEED
TRANSITION (EXPANDED SCALE)
MAX7378 toc18
CLOCK
SPEED
400
µs/div
Typical Operating Characteristics (continued)
(VCC = VL = 5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com