Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3224 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC3224
Description  High End 24-Bit Sensor Signal Conditioner IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3224 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC3224 Datasheet HTML 1Page - Integrated Device Technology ZSSC3224 Datasheet HTML 2Page - Integrated Device Technology ZSSC3224 Datasheet HTML 3Page - Integrated Device Technology ZSSC3224 Datasheet HTML 4Page - Integrated Device Technology ZSSC3224 Datasheet HTML 5Page - Integrated Device Technology ZSSC3224 Datasheet HTML 6Page - Integrated Device Technology ZSSC3224 Datasheet HTML 7Page - Integrated Device Technology ZSSC3224 Datasheet HTML 8Page - Integrated Device Technology ZSSC3224 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
ZSSC3224 Datasheet
© 2016 Integrated Device Technology, Inc
2
October 24, 2016
Applications
Barometric altitude measurement for
portable navigation or emergency call
systems
Altitude measurement for car navigation
Weather forecast
Fan control
Industrial, pneumatic, and liquid pressure
High-resolution temperature measurements
Object-temperature radiation (via thermopile)
ZSSC3224
Block Diagram
Sales Code
Description
Package
ZSSC3224BI1B
Die
—temperature range: –40°C to +85 °C; thickness 304µm
Unsawn wafer
ZSSC3224BI2B
Die
—temperature range: –40°C to +85 °C; thickness 725µm
(without backlapping)
Unsawn wafer
ZSSC3224BI3R ES
PQFN24
—temperature range: –40°C to +85 °C; engineering samples
(note: the PQFN24 package is only available as engineering samples)
Packaged die
ZSSC3224-KIT
Evaluation Kit for ZSSC3224, including boards, cable, software, and 5 samples
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guarante ed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, includin g, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey an y license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.
Sensor
Bridge
AGND / CM
Generator
Bias Current
Generator
Power-ON
Reset
Temperature
Reference
Sensor
DSP Core
(Calculations,
Communication)
MTP
System
Control
Unit
Pre-
Amplifier
VTP
VTN
EOC
INP
INN
VDD
VSSB
Oscillator
Clock
Generator
SPI
I²C
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Voltage
Regulator
Power Ctr.
Vreg int
A
D
24 Bit
VDDB
ZSSC3224
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com