Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3224 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSSC3224
Description  High End 24-Bit Sensor Signal Conditioner IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3224 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSSC3224 Datasheet HTML 17Page - Integrated Device Technology ZSSC3224 Datasheet HTML 18Page - Integrated Device Technology ZSSC3224 Datasheet HTML 19Page - Integrated Device Technology ZSSC3224 Datasheet HTML 20Page - Integrated Device Technology ZSSC3224 Datasheet HTML 21Page - Integrated Device Technology ZSSC3224 Datasheet HTML 22Page - Integrated Device Technology ZSSC3224 Datasheet HTML 23Page - Integrated Device Technology ZSSC3224 Datasheet HTML 24Page - Integrated Device Technology ZSSC3224 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
ZSSC3224 Datasheet
© 2016 Integrated Device Technology, Inc
21
October 24, 2016
3.4.
Operational Modes
Figure 3.2 illustrates the ZSSC3224 power-up sequence and subsequent operation depending on the selected interface
communication mode (I
2C or SPI) as determined by interface-related first activities after power-up or reset. If the first
command after power-up is a valid I²C command, the interface will function as an I²C interface until the next power-on
reset (POR). If there is no valid I²C command, but an active signal at the SS pin is detected as the first valid activity, then
the interface will respond as an SPI slave. With either interface, after the voltage regulators are switched on, the
ZSSC3224
’s low-voltage section (LV) is active while the related interface configuration information is read from memory.
Then the LV section is switched off, the ZSSC3224 goes into Sleep Mode, and the interface is ready to receive
commands. The interface is always powered by VDD, so it is referred to as the high voltage section (HV).
See Table 3.1 for definitions of the commands.
Figure 3.3 shows the ZSSC3224 operation in Normal Mode
(with two operation principles: “Sleep” and “Cyclic”) and
Command Mode, including when the LV and HV sections are active as indicated by the color legend. The Normal Mode
automatically returns to Sleep Mode after executing the requested measurements, or periodically wakes up and conducts
another measurement according to the setting for the sleep duration configured by CYC_period (bits[14:12] in memory
register 02HEX). In Command Mode, the ZSSC3224 remains active if a dedicated command (e.g., Start_NOM) is sent,
which is helpful during calibration. Command Mode can only be entered if Start_CM (command A9HEX; see Table 3.1) is
the first command received after a POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com