Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3224 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # ZSSC3224
Description  High End 24-Bit Sensor Signal Conditioner IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3224 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button ZSSC3224 Datasheet HTML 35Page - Integrated Device Technology ZSSC3224 Datasheet HTML 36Page - Integrated Device Technology ZSSC3224 Datasheet HTML 37Page - Integrated Device Technology ZSSC3224 Datasheet HTML 38Page - Integrated Device Technology ZSSC3224 Datasheet HTML 39Page - Integrated Device Technology ZSSC3224 Datasheet HTML 40Page - Integrated Device Technology ZSSC3224 Datasheet HTML 41Page - Integrated Device Technology ZSSC3224 Datasheet HTML 42Page - Integrated Device Technology ZSSC3224 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
ZSSC3224 Datasheet
© 2016 Integrated Device Technology, Inc
39
October 24, 2016
The memory integrity checksum (referred to as CRC) is generated through a linear feedback shift register with the
following polynomial:
g(x) = x
16 + x15 + x2 + 1
with the initialization value: FFFFHEX.
If the CRC is valid, then the “Memory Error” status bit is set to 0.
3.7.
Calibration Sequence
Calibration essentially involves collecting raw signal and temperature data from the sensor-ZSSC3224 system for different
known sensor-element values (i.e., for a resistive bridge or an absolute voltage source) and temperatures. This raw data
can then be processed by the calibration master (assumed to be
the user’s computer), and the calculated calibration
coefficients can then be written to on-chip memory.
Here is a brief overview of the three main steps involved in calibrating the ZSSC3224.
1.
Assigning a unique identification to the ZSSC3224. This identification is written to shadow RAM and programmed
in MTP memory. This unique identification can be stored in the two 16-bit registers dedicated to the customer ID
(00HEX and 01HEX; see Table 3.5). It can be used as an index into a database stored on the calibration PC. This
database will contain all the raw values of the connected sensor-element readings and temperature readings for
that part, as well as the known sensor-element measurand conditions and temperature to which the sensor-
element was exposed.
2.
Data collection. Data collection involves getting uncorrected (raw) data from the external sensor at different
known measurand values and temperatures. Then this data is stored on the calibration master using the unique
identification of the device as the index to the database.
3.
Coefficient calculation and storage in MTP memory. After enough data points have been collected to calculate all
the desired coefficients, the coefficients can be calculated by the calibration master. Then the coefficients can be
programmed to the MTP memory.
Result. The sensor signal and the characteristic temperature effect on output will be linearized according to the setup-
dependent maximum output range.
It is essential to perform the calibration with a fixed programming setup during the data collection phase. In order to
prevent any accidental incorrect processing, it is further recommended that the MTP memory setup is kept stable during
the entire calibration process as well as in the subsequent operation. A ZSSC3224 calibration only fits the setup used
during its calibration. Changes in functional parameters after a successful calibration can decrease the precision and
accuracy performance of the ZSSC3224 as well as of the entire application.
The ZSSC3224 supports operation with different sensor setups by means of the SM_config1 and SM_config2 registers.
However, only one calibration coefficient set is supported. Therefore, either an alternative ZSSC3224-external signal
calibration using the alternate SM_config settings must be performed to ensure that the programmed SSC coefficients are
valid for both setups, or a full reprogramming of the SSC coefficients must be performed each time the sensor setup is
changed. The selection of the external sensor setup (i.e., the AFE configuration) can be done with the interface
commands B0HEX and B1HEX (see Table 3.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com