Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3224 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZSSC3224
Description  High End 24-Bit Sensor Signal Conditioner IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3224 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZSSC3224 Datasheet HTML 9Page - Integrated Device Technology ZSSC3224 Datasheet HTML 10Page - Integrated Device Technology ZSSC3224 Datasheet HTML 11Page - Integrated Device Technology ZSSC3224 Datasheet HTML 12Page - Integrated Device Technology ZSSC3224 Datasheet HTML 13Page - Integrated Device Technology ZSSC3224 Datasheet HTML 14Page - Integrated Device Technology ZSSC3224 Datasheet HTML 15Page - Integrated Device Technology ZSSC3224 Datasheet HTML 16Page - Integrated Device Technology ZSSC3224 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
ZSSC3224 Datasheet
© 2016 Integrated Device Technology, Inc
13
October 24, 2016
2.3.2.
Analog-to-Digital Converter
An analog-to-digital converter (ADC) is used to digitize the amplifier signal. To allow optimizing the trade-off between
conversion time and resolution, the resolution can be programmed in a range from 12-bit to 24-bit (Adc_bits bit field in the
SM_config register; section 3.6.2). The ADC processes differential input signals.
Table 2.4
ADC Conversion Times for a Single Analog-to-Digital Conversion
Resolution (Bits)
Conversion Time in µs (typical)
12
140
13
185
14
250
15
335
16
470
17
640
18
890
19
1250
20
1760
21
2460
22
3480
23
4890
24
6940
The ADC can perform an offset shift in order to adapt input signals with offsets to the ADC input range. The shift feature is
enabled by setting the SM_config register
’s bit 15 = 1 (Shift_method = 1). The respective analog offset shift can be set up
with bits [14:12], the Offset bit field in SM_config. The offset shift causes the ADC to perform an additional amplification of
the ADC’s input signal by a factor of 2. This must be taken into consideration for a correct analog sensor setup via
configuration of the pre-
amplifier’s gain, the ADC offset shift, and the potential ADC gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com