Electronic Components Datasheet Search
  English  ▼

X  

LM9061 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9061
Description  Power MOSFET Driver with Lossless Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9061 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM9061 Datasheet HTML 5Page - National Semiconductor (TI) LM9061 Datasheet HTML 6Page - National Semiconductor (TI) LM9061 Datasheet HTML 7Page - National Semiconductor (TI) LM9061 Datasheet HTML 8Page - National Semiconductor (TI) LM9061 Datasheet HTML 9Page - National Semiconductor (TI) LM9061 Datasheet HTML 10Page - National Semiconductor (TI) LM9061 Datasheet HTML 11Page - National Semiconductor (TI) LM9061 Datasheet HTML 12Page - National Semiconductor (TI) LM9061 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Hints (Continued)
a manner that there is virtually no current flowing into the
non-inverting input of the comparator Therefore only IREF
flows through resistor RTHRESHOLD All of the input bias
current 20 mA maximum for the comparator input stage
(twice the ISENSE specification of 10 mA maximum defined
for equal potentials on each of the comparator inputs) how-
ever flows into the inverting input through resistor RSENSE
At the comparator threshold the current through RSENSE
will be no more than the ISENSE specification of 10 mA
To tailor the VDS (MAX) threshold for any particular applica-
tion the resistor RTHRESHOLD can be selected per the fol-
lowing formula
VDS (MAX) e
VREF c RTHR
RREF
b
(ISENSE c RSENSE) a VOS
where RREF e 154 kX ISENSE is the input bias current to
the protection comparator RSENSE is the resistor connect-
ed to pin 1 and VOS is the offset voltage of the protection
comparator (typically in the range of g10 mV)
The resistor RSENSE is optional but is strongly recommend-
ed to provide transient protection for the Sense pin espe-
cially when driving inductive type loads A minimum value of
1kX will protect the pin from transients ranging from b25V
to a60V This resistor should be equal to or less than the
resistor used for RTHRESHOLD Never set RSENSE to a value
larger than RTHRESHOLD When the protection comparator
output goes high the total bias current for the input stage
transfers from the Sense pin to the Threshold pin thereby
changing the voltages present at the inputs to the compara-
tor For consistent switching of the comparator right at the
desired threshold point the voltage drop that occurs at the
non-inverting input (Threshold) should equal or exceed the
rise in voltage at the inverting input (Sense)
In automotive applications the load supply may be the bat-
tery of the vehicle whereas the VCC supply for the LM9061
is a switched ignition supply When the VCC supply is
switched OFF there is always a concern for the amount of
current drained from the battery The only current drain un-
der this condition is a leakage current into the Threshold pin
which is less than 10 mA
A bypass capacitor across RREF is optional and is used to
help keep the reference voltage constant in applications
where the VCC supply is subject to high levels of transient
noise This bypass capacitor should be no larger than
01 mF and is not needed for most applications
DELAY TIMER
To allow the MOSFET to conduct currents beyond the pro-
tection threshold for a brief period of time a delay timer
function is provided This timer delays the actual latching
OFF of the MOSFET for a programmable interval This fea-
ture is important to drive loads which require a surge of
current in excess of the normal ON current upon start up or
at any point in time such as lamps and motors
Figure 4
details the delay timer circuitry A capacitor connected from
the Delay pin 8 to ground sets the delay time interval With
the MOSFET turned ON and all conditions normal the out-
put of the protection comparator is low and this keeps the
discharge transistor ON This transistor keeps the delay ca-
pacitor discharged Should a surge of load current trip the
protection comparator high the discharge transistor turns
OFF and an internal 10 mA current source begins linearly
charging the delay capacitor
If the surge current with excessive VDS voltage lasts long
enough for the capacitor to charge to the timing comparator
threshold of typically 55V the output of the comparator will
go high to set a flip-flop and immediately latch the MOSFET
OFF It will not re-start until the ONOFF Input is toggled
low then high
The delay time interval is set by the selection of CDELAY and
can be found from
TDELAY e
(VTIMER c CDELAY)
IDELAY
where typically VTIMER e 55V and IDELAY e10mA
Charging of the delay capacitor is clamped at approximately
75V which is the internal bias voltage for the 10 mA current
source
MINIMUM DELAY TIME
A minimum delay time interval is required in all applications
due to the nature of the protection circuitry At the instant
the MOSFET is commanded ON the voltage across the
MOSFET VDS is equal to the full load supply voltage be-
cause the source is held at ground by the load This condi-
tion will immediately trip the protection comparator Without
a minimum delay time set the timing comparator will trip
and force the MOSFET to latch OFF thereby never allowing
the load to be energized
TLH12317 – 12
FIGURE 4 Delay Timer
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com