Electronic Components Datasheet Search
  English  ▼

X  

LM9061 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9061
Description  Power MOSFET Driver with Lossless Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9061 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM9061 Datasheet HTML 6Page - National Semiconductor (TI) LM9061 Datasheet HTML 7Page - National Semiconductor (TI) LM9061 Datasheet HTML 8Page - National Semiconductor (TI) LM9061 Datasheet HTML 9Page - National Semiconductor (TI) LM9061 Datasheet HTML 10Page - National Semiconductor (TI) LM9061 Datasheet HTML 11Page - National Semiconductor (TI) LM9061 Datasheet HTML 12Page - National Semiconductor (TI) LM9061 Datasheet HTML 13Page - National Semiconductor (TI) LM9061 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Hints (Continued)
To prevent this situation a delay capacitor is required at pin
8 The selection of a minimum capacitor value to ensure
proper start-up depends primarily on the load characteristics
and how much time is required for the MOSFET to raise the
load voltage to the point where the Sense input is more
positive than the Threshold input (TSTART-UP) Some experi-
mentation is required if a specific minimum delay time char-
acteristic is desired Therefore
CDELAY e
(IDELAY c TSTART-UP)
VTIMER
In the absence of a specific delay time requirement a value
for CDELAY of 01 mF is recommended
OVER VOLTAGE PROTECTION
The LM9061 will remain operational with up to a26V on
VCC IfVCC increases to more than typically a30V the
LM9061 will turn off the MOSFET to protect the load from
excessive voltage When VCC has returned to the normal
operating range the device will return to normal operation
without requiring toggling the ONOFF input This feature
will allow MOSFET operation to continue in applications that
are subject to periodic voltage transients such as automo-
tive applications
For circuits where the load is sensitive to high voltages the
circuit shown in
Figure 5 can be used The addition of a
zener on the Sense input (pin 1) will provide a maximum
voltage reference for the Protection Comparator The Sense
resistor is required in this application to limit the zener cur-
rent When the device is ON and the load supply attempts
to rise higher than (VZENER a VTHRESHOLD) the Protection
comparator will trip and the Delay Timer will start If the high
supply voltage condition lasts long enough for the Delay
Timer to time out the MOSFET will be latched off The ON
OFF input will need to be toggled to restart the MOSFET
TLH12317 – 13
FIGURE 5 Adding Over-Voltage Protection
REVERSE BATTERY
The LM9061 is not protected against reverse polarity supply
connections If the VCC supply should be taken negative
with respect to ground the current from the VCC pin should
be limited to 20 mA The addition of a diode in series with
the VCC input is recommended This diode drop does not
subtract significantly from the charge pump gate overdrive
output voltage
LOW BATTERY
As an additional protection feature the LM9061 incorporates
an Undervoltage Shut-OFF function If the VCC supply to the
package drops below 7V where it may not be assured that
the MOSFET is actually ON when it should be circuitry will
automatically turn OFF the power MOSFET
Figure 6 shows the LM9061 used as an electronic circuit
breaker This circuit provides low voltage shutdown over-
voltage latch OFF and overcurrent latch OFF In the event
of a latch OFF shutdown the circuit can be reset by shutting
the main supply off then back on An optional reset switch
on the ONOFF pin will allow a ‘‘push-button reset’’ of the
circuit after latching OFF
TLH12317 – 14
FIGURE 6 Electronic Circuit Breaker
Scaling of the external resistor value from VCC to the ON
OFF input pin with the internal 30k resistor can be used to
increase the startup voltage The circuit operation then be-
comes dependent on the resistor ratio and VCC providing an
ONOFF pin voltage being above the ON threshold rather
than the LM9061 low VCC shutdown feature
DRIVING MOSFET ARRAYS
The LM9061 is an ideal driver for any application that re-
quires multiple parallel MOSFETs to provide the necessary
load current Only a few ‘‘common sense’’ precautions need
to be observed All MOSFETs in the array must have identi-
cal electrical and thermal characteristics
This can be
solved by using the same part number from the same
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com