Electronic Components Datasheet Search
  English  ▼

X  

LM9061 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9061
Description  Power MOSFET Driver with Lossless Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9061 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM9061 Datasheet HTML 6Page - National Semiconductor (TI) LM9061 Datasheet HTML 7Page - National Semiconductor (TI) LM9061 Datasheet HTML 8Page - National Semiconductor (TI) LM9061 Datasheet HTML 9Page - National Semiconductor (TI) LM9061 Datasheet HTML 10Page - National Semiconductor (TI) LM9061 Datasheet HTML 11Page - National Semiconductor (TI) LM9061 Datasheet HTML 12Page - National Semiconductor (TI) LM9061 Datasheet HTML 13Page - National Semiconductor (TI) LM9061 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Hints (Continued)
manufacturer for all of the MOSFETs in the array Also all
MOSFETs should have the same style heat sink or ideally
all mounted on the same heat sink The electrical connec-
tion of the MOSFETs should get special attention With typi-
cal RDS(ON) values in the range of tens of milli-Ohms a
poor electrical connection for one of the MOSFETs can ren-
der it useless in the circuit
Figure 7 shows a circuit with four parallel NDP706A
MOSFETs This particular MOSFET has a typical RDS(ON)
of 0013X with a TJ of 25 C and 0020X with a TJ of
a
125 C
With the VDS threshold voltage being set to 500 mV this
circuit will provide a typical maximum load current of 150A
at 25 C and a typical maximum load current of 100A at
125 C The maximum dissipation per MOSFET will be
nearly 20W at 25 C and 125W at 125 C With up to 20W
being dissipated by each of the four devices an effective
heat sink will be required to keep the TJ as low as possible
when operating near the maximum load currents
TLH12317 – 15
FIGURE 7 Driving Multiple MOSFETs
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com